Electronic Components Datasheet Search
  English  ▼

X  

CMP250PS48 Datasheet(PDF) 5 Page - XP Power Limited

Part # CMP250PS48
Description  AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CMP250PS48 Datasheet(HTML) 5 Page - XP Power Limited

  CMP250PS48 Datasheet HTML 1Page - XP Power Limited CMP250PS48 Datasheet HTML 2Page - XP Power Limited CMP250PS48 Datasheet HTML 3Page - XP Power Limited CMP250PS48 Datasheet HTML 4Page - XP Power Limited CMP250PS48 Datasheet HTML 5Page - XP Power Limited CMP250PS48 Datasheet HTML 6Page - XP Power Limited CMP250PS48 Datasheet HTML 7Page - XP Power Limited CMP250PS48 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CMP250 Series
www.xppower.com
5
AC-DC Power Supplies
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55032/11
Class B
Radiated
EN55032/11
Class A
Class B
With 2 turns Wurth 742 712 22 core or similar
on AC input cable
Harmonic Current
EN61000-3-2
Class A
All models
Class C
≥50% load
Voltage Fluctuations
EN61000-3-3
Safety Approvals
EMC: Immunity
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60950-1 Ed 2
Information Technology
IEC62368-1 Ed 2
Information Technology
IEC60601-1 Ed 3 Including Risk Management
Medical
UL
UL62368-1, CSA C22.2 No. 62368-1
Information Technology
ANSI/AAMI ES60601-1:2005 & CSA C22.2, No.60601-1:14
Medical
TUV
EN62368-1
Information Technology
EN60601-1
Medical
CE
LVD & RoHS
Equipment Protection Class
Class I
See safety agency conditions of acceptibility for details
Means of Protection
Category
Primary to Secondary
2 x MOPP (Means of Patient Protection)
IEC60601-1 Ed 3
Primary to Earth
1 x MOPP (Means of Patient Protection)
Secondary to Earth
1 x MOPP (Means of Patient Protection)
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Medical Device EMC
IEC60601-1-2
Ed.4.0:2014
as below
Low Voltage PSU EMC
EN61204-3
High severity level
as below
Radiated
EN61000-4-3
3A
ESD
EN61000-4-2
4A
±8 kV contact, ±15 kV air
EFT
EN61000-4-4
3A
Surges
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3A
Magnetic Field
EN61000-4-8
4A
Dips and Interruptions based
on 250 W output load
EN55024 (100 VAC)
Int >95% (0 VAC), 8.3ms
A
Dip 30% (70 VAC), 416ms
B
Int >95% (0 VAC), 4160ms
B
EN55024 (240 VAC)
Int >95% (0 VAC), 10.0ms
A
Dip 30% (168 VAC), 500ms
B
Int >95% (0 VAC), 5000ms
B
EN60601-1-2 (100 VAC)
Int >95% (0 VAC), 10.0ms
A
Dip 100% (0 VAC), 20ms
A
Dip 60% (40 VAC), 100ms
A
Derate output power to 85 W
Dip 30% (70 VAC), 500ms
A
Int >95% (0 VAC), 5000ms
B
EN60601-1-2 (240 VAC)
Int >95% (0 VAC), 10.0ms
A
Dip 100% (0 VAC), 20ms
A
Dip 60% (96 VAC), 100ms
A
Dip 30% (168 VAC), 500ms
A
Int >95% (0 VAC), 5000ms
B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com