Electronic Components Datasheet Search
  English  ▼

X  

QSC150 Datasheet(PDF) 2 Page - XP Power Limited

Part # QSC150
Description  DC-DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

QSC150 Datasheet(HTML) 2 Page - XP Power Limited

  QSC150 Datasheet HTML 1Page - XP Power Limited QSC150 Datasheet HTML 2Page - XP Power Limited QSC150 Datasheet HTML 3Page - XP Power Limited QSC150 Datasheet HTML 4Page - XP Power Limited QSC150 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
QSC150 Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
5
48
VDC
See Models and Ratings table
Output Trim
±10
%
Initial Set Accuracy
±1
%
At full load and nominal input
Minimum Load
0%
No minimum load required
Line Regulation
±0.2
%
From minimum to maximum input at full load
Load Regulation
±0.2
%
From 0% to full load
Transient Response
±5.0
%
Maximum deviation, recovering to less than 1% in
250 µs for 25% step load change.
Start Up Time
30
ms
Output Voltage Rise Time
30
ms
Ripple & Noise
mV pk-pk
See models and ratings table
Overload Protection
110
125
160
%
Short Circuit Protection
Continuous hiccup mode, with auto recovery
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.02
%/ ˚C
Overvoltage Protection
115
140
%
Remote On/Off
Output is on if remote on/off (pin 2) is open or high (3.5-75 VDC)
Output turns off if remote on/off (pin 2) is low (<1.2 VDC max)
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
9
36
VDC
24 V nominal
18
75
48 V nominal
Input Current
20/10
A
QSC15024 at 9 V / QSC15048 at 18V
Input Surge
50/100
VDC for 100 ms
QSC15024 / QSC15048
Undervoltage Lockout
>8.0/16.5
8.5/17.0
8.8/17.5
VDC
On: 24 V/48 V
<7.7/15.5
8.0/16.0
8.3/16.5
Off: 24 V/48 V
Lockout Hysteresis
0.6/0.9
VDC
24 V/48 V
Idle Current
5
10
mA
When output is remotely turned off
Inrush Current
0.1
A2s
As per ETS300 132-2
Recommended Input Fuse
30/15
A
Time delay fuse - 24 V/48 V
Input Reflected Ripple Current
30
mA pk-pk
Through 12 µH inductor
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
92
%
See Models and Ratings table
Isolation: Input to Output
2250
VDC
60 s
Isolation: Input and output to Case
2250
VDC
60 s
Switching Frequency
285/300
kHz
48S12 model / All other models
Isolation Resistance
109
Ω
Isolation Capacitance
1500
pF
Power Density
90.7
W/in3
Mean Time Between Failure
309/667
kHrs
S05/S48, MIL-HDBK-217F, +25 °C GB
Weight
0.15 (68.0)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Base Plate Temperature
-40
+105
°C
Storage Temperature
-55
+125
°C
Thermal Protection
+110
°C
Operating Altitude
3000
m
Humidity
95
%RH
Non-condensing
Cooling
Base plate cooled



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com