Electronic Components Datasheet Search
  English  ▼

X  

JMM2012D15 Datasheet(PDF) 2 Page - XP Power Limited

Part # JMM2012D15
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JMM2012D15 Datasheet(HTML) 2 Page - XP Power Limited

  JMM2012D15 Datasheet HTML 1Page - XP Power Limited JMM2012D15 Datasheet HTML 2Page - XP Power Limited JMM2012D15 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JMM20 Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum Typical Maximum
Units
Notes & Conditions
Output Voltage
5
30
VDC
See Models and Ratings table
Initial Set Accuracy
±1.0
%
At full load
Output Voltage Balance
±2.0
%
For dual output with balanced laods
Minimum Load
A
No minimum load required
Line Regulation
±0.5
%
From minimum to maximum input at full load
Load Regulation
±0.5/±1.0
%
Single / Dual output, from 0 to full load
Cross Regulation
±5.0
%
On dual output models when one load is varied between 25% and 100% and other is fixed
at 100%
Transient Response
35
%
deviation
Recovery within 1% in less than 300 µs for a 25% load change.
Ripple & Noise
50
mV pk-pk
5 & 5.1 V output
20 MHz bandwidth.
Measured using 4.7 µF
ceramic capacitor.
100
12 V, 15 V, ±12 V & ±15 V output
150
24 V
Overload Protection
150
%
Short Circuit Protection
Continuous Trip & Restart (Hiccup mode), with auto recovery
Maximum Capacitive Load
See Models and Ratings table
Temperature Coefficient
0.02
%/ ˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
9.0
18
VDC
12 V nominal
18.0
36
VDC
24 V nominal
36.0
75
VDC
48 V nominal
Input Filter
Internal Pi type
Input Surge
25
VDC for 100 ms
12 V models
50
24 V models
100
48 V models
Undervoltage Lockout
ON >9 V, OFF at <7.5 V
12 V models
ON >18 V, OFF at <15 V
24 V models
ON >36 V, OFF at <33 V
48 V models
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
88
%
See Models and Ratings table
Isolation: Input to Output
4200
VAC
60 s
Patient Leakage Current
5
µA
Isolation Resistance
109
Ω
At 500 VDC
Isolation Capacitance
80
pF
Switching Frequency
285
kHz
Power Density
62.5
W/in3
Mean Time Between Failure
1
MHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.066 (30 g )
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+95
°C
See Derating Curve.
Storage Temperature
-50
+125
°C
Case Temperature
+95
°C
Humidity
95
%RH
Non-condensing
Cooling
Natural convection
Thermal Impedance
13
°C/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com