Electronic Components Datasheet Search
  English  ▼

X  

2.0SMPC Datasheet(PDF) 3 Page - Zowie Technology Corporation

Part # 2.0SMPC
Description  High power density 2KW TVS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

2.0SMPC Datasheet(HTML) 3 Page - Zowie Technology Corporation

  2.0SMPC Datasheet HTML 1Page - Zowie Technology Corporation 2.0SMPC Datasheet HTML 2Page - Zowie Technology Corporation 2.0SMPC Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
Zowie Technology Corporation
REV. 2
FIG. 1- PULSE DERATING CURVE
TA = 25℃
FIG. 4 - PULSE WAVEFORM
AMBIENT TEMPERATURE, TA (℃)
TIME, (ms)
FIG. 3 - PEAK PULSE POWER RATING CURVE
PULSE WIDTH, td (ms)
100
75
50
25
0
100
Tr = 10µs
Peak Value
(IPP)
td
10/1000µsec. waveform
as defined by R.E.A.
TJ = 25℃
Pulse width (td) is defined as the
point where the peak current
decays to 50% of IPP
50
0
0
1
2
3
4
0.0001
0.001
0.01
0.1
1
10
0
25
50
75
100
125
150
100
10
1
0.1
FIG. 2- STEADY STATE POWER DERATING CURVE
LEAD TEMPERATURE, TL (℃)
6.5
6
5
4.5
5.5
4
3.5
3
2
1
0.5
2.5
1.5
0
0
25
50
75
100
125
150
Half value = IPP
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com