Electronic Components Datasheet Search
  English  ▼

X  

ASCD56UH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # ASCD56UH
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

ASCD56UH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  ASCD56UH Datasheet HTML 1Page - Zowie Technology Corporation ASCD56UH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZOWIE
(60V/5.0A)
ASCD56UH
2017/12
REV. 0
FIG.1 - FORWARD CURRENT DERATING CURVE
4
5
6
3
2
1
0
0
20
40
60
120
100
80
140
160
CASE TEMPERATURE,
o
C
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
20
0.10
1
10
100
TJ=25℃
TJ=125℃
TJ=150℃
TJ=100℃
40
60
80
100
TJ = 150℃
TJ = 125℃
TJ = 100℃
TJ = 25℃
Rthjc = 15 oC / W
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1
10
100
0.01
0
0.2
0.1
0.3
0.5
0.4
0.6
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
f=1.0MHz
Vsig=50mVP-P
REVERSE VOLTAGE, VOLTS
.1
500
1
10
100
100
10
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
0
20
40
60
100
120
80
1
10
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com