Electronic Components Datasheet Search
  English  ▼

X  

MSCD202H Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # MSCD202H
Description  Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

MSCD202H Datasheet(HTML) 1 Page - Zowie Technology Corporation

  MSCD202H Datasheet HTML 1Page - Zowie Technology Corporation MSCD202H Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(20V~40V / 2.0 A)
MSCD202H AND MSCD204H
Schottky Barrier Diode
* Halogen-free type
* Compliance to RoHS product
* Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability, low VF
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Telecommunication
APPLICATION
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 5 reels per box
* 6 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.005 gram
MECHANICAL DATA
2017/07
REV. 4
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
MSCD202H
20
MSCD204H
40
V
IF(AV)
A
IFSM
A
Tj
TSTG
10
-55 to +125
- 55 to +150
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Operating junction temperature Range
Rating
2.0
Repetitive peak reverse voltage
Storage temperature range
oC
oC
Electrical characteristics (Ta = 25
o
C)
VF
ITEM
Symbol
Conditions
Min.
Typ.
Type
IF = 0.5 A
IF = 1.0 A
V
-
-
0.39
0.44
-
0.45
MSCD202H
IF = 0.5 A
IF = 1.0 A
-
-
0.40
0.47
-
0.50
MSCD204H
Max.
Unit
Forward voltage (NOTE 1)
oC/W
-
210
-
Rth(JA)
Junction to ambient
Thermal resistance
oC/W
-
90
-
Rth(JC)
Junction to case
pF
-
115
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
18
50
IRRM
Repetitive peak reverse current (NOTE 1)
VR = Max. VRRM , Ta = 25
oC
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C. board with 0.2 x 0.2"(5.0 x5.0mm) copper pad areas.
L
2
.
2.00 ± 0.10
0.45 ± 0.10
0.45 ± 0.10
Unit : mm
OUTLINE DIMENSIONS
MARKING
Equivalent : SOD-323
Case : 0805
Voltage class: 2 = 20V, 4 = 40V
Mounting Pad Layout
2.90
REF.
0.80
MIN.
1.30
MAX.


Similar Part No. - MSCD202H

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MSCD202 SECOS-MSCD202 Datasheet
315Kb / 2P
2 AMP Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - MSCD202H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com