Electronic Components Datasheet Search
  English  ▼

X  

SCD345MH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SCD345MH
Description  Schottky Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SCD345MH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SCD345MH Datasheet HTML 1Page - Zowie Technology Corporation SCD345MH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(45V / 3.0A)
SCD345MH
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
V
IF(AV)
A
IFSM
A
Tj
TSTG
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
Operating junction temperature Range
45
80
-55 to +150
-55 to +150
3.0
Repetitive peak reverse voltage
Storage temperature Range
Schottky Barrier Diode
* Halogen-free type
* Compliance to RoHS product
* Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability, low VF
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* Switching mode power supply applications
* Portable equipment battery applications
* High frequency rectification
* DC / DC Converter
* Telecommunication
APPLICATION
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 4 reels per box
* 6 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.02 gram
MECHANICAL DATA
oC
oC
Electrical characteristics (Ta = 25
o
C)
ITEM
Symbol
Conditions
Min.
Typ.
Max.
Unit
VF
IF = 3.0A
V
-
0.50
0.55
Forward voltage (NOTE 1)
oC/W
-
128
-
Rth(JA)
Junction to ambient (NOTE 2)
Thermal resistance
oC/W
-
18
-
Rth(JC)
Junction to case (NOTE 2)
pF
-
115
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
mA
-
0.01
0.10
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
2014/09
REV. 0
NOTES : (1) Pulse test width PW=300usec , 1% duty cycle.
(2) Mounted on P.C. board with recommended copper pad areas.
SCD
345M
.
0.50
0.95 ± 0.2
0.95 ± 0.2
4.5 ± 0.1
5.14
REF.
1.47
MIN.
1.27
MIN.
2.60
MAX.
Unit : mm
OUTLINE DIMENSIONS
MARKING
Equivalent : SMA
DO-214AC
Case : 2010
Mounting Pad Layout
Rating


Similar Part No. - SCD345MH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SCD345H ZOWIE-SCD345H Datasheet
55Kb / 2P
Schottky Barrier Diode
SCD345PH ZOWIE-SCD345PH Datasheet
44Kb / 2P
Schottky Barrier Diode
More results

Similar Description - SCD345MH

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
MBSK12M YANGJIE-MBSK12M Datasheet
116Kb / 2P
Schottky Bridge Rectifier
logo
Shenzhen Luguang Electr...
MBSK16S LUGUANG-MBSK16S Datasheet
201Kb / 2P
Schottky Bridge Rectifier
MBSK14S LUGUANG-MBSK14S Datasheet
201Kb / 2P
Schottky Bridge Rectifier
logo
Central Semiconductor C...
CBRHDSH1-100 CENTRAL-CBRHDSH1-100_15 Datasheet
871Kb / 3P
SCHOTTKY BRIDGE RECTIFIER
CBRHDSH1-200 CENTRAL-CBRHDSH1-200_15 Datasheet
606Kb / 2P
SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-40 CENTRAL-CBRLDSH2-40_15 Datasheet
926Kb / 3P
SCHOTTKY BRIDGE RECTIFIER
CBRLDSH2-100 CENTRAL-CBRLDSH2-100_15 Datasheet
532Kb / 2P
SCHOTTKY BRIDGE RECTIFIER
logo
Yangzhou yangjie electr...
ABSK22S YANGJIE-ABSK22S Datasheet
101Kb / 2P
Schottky Bridge Rectifier
MBSK12S YANGJIE-MBSK12S_17 Datasheet
123Kb / 2P
Schottky Bridge Rectifier
logo
Zowie Technology Corpor...
SLX204MAH ZOWIE-SLX204MAH Datasheet
61Kb / 2P
Schottky Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com