Electronic Components Datasheet Search
  English  ▼

X  

DSI75 Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSI75
Description  Rectifi er Diode Avalanche Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSI75 Datasheet(HTML) 1 Page - IXYS Corporation

  DSI75 Datasheet HTML 1Page - IXYS Corporation DSI75 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2017 IXYS All rights reserved
1 - 2
DS
75
DSI
75
DSA 75
DSAI 75
20170323b
V
RSM
V
(BR)min
①
V
RRM
Anode
Cathode
V
V
V
on stud
on stud
1300
-
1200
DS 75-12B
DSI 75-12B
1300
1300
1200
DSA 75-12B
DSAI 75-12B
1700
1760
1600
DSA 75-16B
DSAI 75-16B
1900
1950
1800
DSA 75-18B
DSAI 75-18B
①
Only for Avalanche Diodes
V
RRM
= 1200-1800 V
I
F(RMS) = 160 A
I
F(AV)M = 110 A
Features
●
International standard package,
JEDEC DO-203 AB (DO-5)
●
Planar glassivated chips
Applications
●
High power rectifiers
●
Field supply for DC motors
●
Power supplies
Advantages
●
Space and weight savings
●
Simple mounting
●
Improved temperature and power
cycling
●
Reduced protection circuits
Dimensions in mm (1 mm = 0.0394")
Data according to IEC 60747
IXYS reserves the right to change limits, test conditions and dimensions
Rectifier Diode
Avalanche Diode
A = Anode
C = Cathode
DO-203 AB
1/4-28UNF
DS
DSI
DSA
DSAI
C
A
A
C
Symbol
Test Conditions
Maximum Ratings
I
F(RMS)
T
VJ
= T
VJM
160
A
I
F(AV)M
T
case = 100°C; 180° sine
110
A
P
RSM
DSA(I) types, T
VJ = TVJM, tp = 10 µs
20
kW
I
FSM
T
VJ
= 45°C;
t = 10 ms (50 Hz), sine
1400
A
V
R
= 0
t = 8.3 ms (60 Hz), sine
1500
A
T
VJ
= T
VJM
t = 10 ms (50 Hz), sine
1250
A
V
R
= 0
t = 8.3 ms (60 Hz), sine
1310
A
I2t
T
VJ
= 45°C
t = 10 ms (50 Hz), sine
9800
A2s
V
R
= 0
t = 8.3 ms (60 Hz), sine
9450
A2s
T
VJ
= T
VJM
t = 10 ms (50 Hz), sine
7820
A2s
V
R
= 0
t = 8.3 ms (60 Hz), sine
7210
A2s
T
VJ
-40...+180
°
C
T
VJM
180
°
C
T
stg
-40...+180
°
C
M
d
Mounting torque
2.4-4.5
Nm
21-40
lb.in.
Weight
21
g
Symbol
Test Conditions
Characteristic Values
I
R
T
VJ
= T
VJM; VR = VRRM
≤
6
mA
V
F
I
F
= 150 A; T
VJ = 25°C
≤
1.17
V
V
T0
For power-loss calculations only
0.75
V
r
T
T
VJ
= T
VJM
2
mΩ
R
thJC
DC current
0.5
K/W
R
thJH
DC current
0.9
K/W
d
S
Creepage distance on surface
4.05
mm
d
A
Strike distance through air
3.9
mm
a
Max. allowable acceleration
100
m/s2


Similar Part No. - DSI75

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSI75-08B IXYS-DSI75-08B Datasheet
41Kb / 2P
Rectifier Diode Avalanche Diode
DSI75-12B IXYS-DSI75-12B Datasheet
41Kb / 2P
Rectifier Diode Avalanche Diode
More results

Similar Description - DSI75

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT30DL60B MICROSEMI-APT30DL60B Datasheet
135Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT30DL60BCT MICROSEMI-APT30DL60BCT Datasheet
137Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT50DL60B MICROSEMI-APT50DL60B Datasheet
140Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT50DL60BCT MICROSEMI-APT50DL60BCT Datasheet
136Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT75DL60B MICROSEMI-APT75DL60B Datasheet
137Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT100DL60B MICROSEMI-APT100DL60B Datasheet
136Kb / 4P
Ultrasoft Recovery Rectifi er Diode
APT150DL60B2 MICROSEMI-APT150DL60B2 Datasheet
134Kb / 4P
Ultrasoft Recovery Rectifi er Diode
logo
NIC-Components Corp.
NRD4004TR-5KF NIC-NRD4004TR-5KF Datasheet
248Kb / 2P
Surface Mount Silicon Rectifi er Diode
logo
Bourns Electronic Solut...
CD214A-B230LLF BOURNS-CD214A-B230LLF Datasheet
248Kb / 5P
Schottky Barrier Rectifi er Chip Diode
logo
IXYS Corporation
DS2 IXYS-DS2 Datasheet
72Kb / 2P
Rectifi er Diode Avalanche Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com