Electronic Components Datasheet Search
  English  ▼

X  

DSA75-12B Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSA75-12B
Description  Rectifi er Diode Avalanche Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA75-12B Datasheet(HTML) 2 Page - IXYS Corporation

  DSA75-12B Datasheet HTML 1Page - IXYS Corporation DSA75-12B Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2017 IXYS All rights reserved
2 - 2
DS
75
DSI
75
DSA 75
DSAI 75
20170323b
Fig. 6
Transient thermal impedance junction to heatsink
R
thJH for various conduction angles d:
d
R
thJH (K/W)
DC
0.900
180°
1.028
120°
1.085
60°
1.272
30°
1.476
Constants for Z
thJH calculation:
i
R
thi (K/W)
t
i (s)
1
0.0731
0.0015
2
0.1234
0.0237
3
0.4035
0.4838
4
0.3000
1.5
Fig. 1
Forward characteristics
Fig. 2
Surge overload current
I
FSM: crest value, t: duration
Fig. 3
I2t versus time (1-10 ms)
Fig. 4
Power dissipation versus forward current and ambient temperature
Fig. 5
Max. forward current at case
temperature
6
4
2
typ.
lim.
T
VJ= 180°C
T
VJ=
25°C
T
VJ = 180°C
T
VJ = 45°C
50Hz, 80%V
RRM
T
VJ = 45°C
T
VJ = 180°C
V
R = 0 V
DC
180° sin
120°
60°
30°
DC
180° sin
120°
60°
30°
R
thJA :
1 K/W
1.2 K/W
1.6 K/W
2 K/W
3 K/W
4 K/W
30°
60°
120°
180°
DC
ase
10
10 4
3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com