Electronic Components Datasheet Search
  English  ▼

X  

SPL09A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SPL09A
Description  5KB LCD CONTROLLER/DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPL09A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SPL09A Datasheet HTML 1Page - List of Unclassifed Manufacturers SPL09A Datasheet HTML 2Page - List of Unclassifed Manufacturers SPL09A Datasheet HTML 3Page - List of Unclassifed Manufacturers SPL09A Datasheet HTML 4Page - List of Unclassifed Manufacturers SPL09A Datasheet HTML 5Page - List of Unclassifed Manufacturers SPL09A Datasheet HTML 6Page - List of Unclassifed Manufacturers SPL09A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Sunplus Technology Co., Ltd.
2
Rev.: 0.1
1999.11.24
SPL09A
Preliminary
FUNCTION DESCRIPTION
SPL09A provides 5K byte ROM with a LCD driver, which is capable to control 5 commons and 26 segments.
The power consumption of SPL09A is very low in both Standby mode and Halt mode.
It is very appropriate for
LCD type hand-held product.
OPERATING STATES
The SPL09A provides three operating states: standby, halt, and operating.
Following table shows the
differences between the three operating states.
Operating
Halt
Standby
CPU
ON
OFF
OFF
32768 oscillator
ON
ON
OFF
LCD driver
ON
ON/OFF
OFF
In operating state, all modules (CPU, 32768 oscillator, timer/counter, LCD driver…) are activated.
Writing the
SLEEP register ($09) enters the Halt/standby State.
There are four wake-up sources in SPL09A: port IOEF
wake-up, TIMR0 wake-up, 4Hz/8Hz/16Hz/32Hz wake-up and 2Hz/1Hz wake-up.
If any wake-up event occurs,
execution of the next instruction continues in the operating state.
In standby mode, all modules will be shut down, and RAM and I/Os remain in their previous states.
The current
consumption is minimized.
By writing to SLEEP register but keeps 32768 oscillator running, the system is in
HALT State.
CPU clock is halted while it waits for an event (key press, timer overflow) to generate a wake-up in
HALT State.
The 32768 related modules (timer/counter, LCD driver…) may remain active in the halt state.
Following figure is a state diagram for the SPL09A.
HALT
OPERATING
STANDBY
Write to SLEEP register,
32768 oscillator OFF
Wake-up or user reset
State Diagram of SPL09A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com