Electronic Components Datasheet Search
  English  ▼

X  

PBRC-A Datasheet(PDF) 2 Page - AVX Corporation

Part # PBRC-A
Description  MHz Band SMT Resonators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

PBRC-A Datasheet(HTML) 2 Page - AVX Corporation

  PBRC-A Datasheet HTML 1Page - AVX Corporation PBRC-A Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
2000 pieces per reel with 10 positions open at beginning and end of reel. Leader will be 200mm maximum.
Tape & Reel Packaging
Surface Mountable Chip Resonators PBRC -A, -B, -D Types
TAPE DIMENSIONS
ABD
E
F
G
H
J
φKM
R
W
T
φL
±0.2
±0.2
±0.3
±0.1
±0.1
±0.1
±0.1
±0.1
±0.1
±0.2
±0.1
±0.05
3.8
7.8
16.0
7.5
1.75
8.0
4.0
2.0
1.5
10°max 0.3max
2.1
0.3
1.55
Top Tape
10°
Carrier Tape
Pulling Direction
10 Pitches
Minimum
10 Pitches
Minimum
200mm
Maximum
Blank
Pocket
Loaded
Pocket
Blank
Pocket
Leader
M
R
R
G
D
E
F
H
φK
A
B
M
W
R
J
φL
T
REEL DIMENSIONS
E
C (Dia.)
D (Dia.)
R
A
B
W
T
PACKING METHOD
TEST CONDITION OF PEELING STRENGTH
Marking of Reel
a). Type Name
b). Lot No.
c). Quantity
d). Vendor Name
Marking of Exterior Package
a). Type Name
b). Lot No.
c). Quantity of Reel
d). Shipping Date
e). Vendor Name
ABCD
E
R
W
T
255
80
13
25
2
1.0R
17.5
2
±1.0
±0.5
±0.5
±0.8
±0.5
±1.5
±0.5
60 sec.
100
°C
150
°C
200
°C
230
°C±5°C max.
60 sec.
20 sec.
max.
Gradual Cooling
1 hour
before
meeting all
electrical
specs.
REFLOW PROFILE
Suggested Reflow Profile
KBR-Y Series
PBRC Series
MARKING
Units:mm
Units:mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com