Electronic Components Datasheet Search
  English  ▼

X  

UBR Datasheet(PDF) 1 Page - AVX Corporation

Part # UBR
Description  AVX Passive Micro Component group is pleased to introduce the UBR Series of next generation of surface mount Ultra-Broadband Resistors.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

UBR Datasheet(HTML) 1 Page - AVX Corporation

  UBR Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FLEXITERM (Ag EPOXY)
PLATED WITH Ni/Sn
COVER GLASS
EPOXY
GLASS SUBSTRATE
AVX Passive Micro Component group is pleased to introduce the UBR Series of next
generation of surface mount Ultra-Broadband Resistors. This product was designed utilizing
our proprietary Glass Sandwich Flexiterm
® Technology, (GSFT). The Flexiterm® is a surface
mountable automotive qualified termination that adds an extra margin against damage due to
flexture during installation.
The UBR Series has been designed with high quality selected materials that yield excellent
performance. This product is ideal for use in Optical Transceiver Modules or any application
requiring excellent ultra-broadband performance.
UBR
Series
Code
UBR = Ultra-
Broadband
Reistor
0402
Case Size
0402 = 0402
BR0S = Special Request
Please supply design
or contact factory
A
TCR (ppm/ºC)
A = ±250
B = ±100
C = ±50*
D = ±25*
S = Special Request
Please supply design
or contact factory
500
Resistance)
First 2 Significant
digits for Resistance
R for decimal point
E
Tolerance
E = ±0.5%
F = ±1%
G = ±2%
S = Special Request
Please supply design
or contact factory
Z
Termination
Type
Z = Flexiterm®
(Ag/Epoxy)
NiSn plated
7 = Gold Termination
TR
Packaging
TR = 5000pcs,
7" reel
HOW TO ORDER
RESISTOR MATERIAL PROPERTIES
Ultra-Broadband Resistors
UBR Series
MARKETS
• Opto-electronics
• Automotive
• Telecom
• Broadband Jamming for EW
• Satellite Communication
FEATURES
• Frequency Range: DC to
20 GHz
• EIA 0402 Case Size
• Power Rating: 125 mW
• Operating Temperature: -40°C to +125°C
• 100% Laser Trimming for Tight Tolerances
• RoHS Compliant
APPLICATIONS
• Optical Transceiver Modules
• Broadband Receiver
• TOSA / ROSA
• Wideband Test Equipment
• Low Noise Amplifier
• MMIC Amplifiers
• Mixers
• Directional Couplers
• Ultra-Broadband Splitters and Combiners
W
L
T
tt
MECHANICAL DIMENSIONS
mm (inches)
Specifications
Length
1.00±0.10
(L)
(0.039±0.004)
Width
0.50±0.10
(W)
(0.020±0.004)
Thickness
0.50±0.10
(T)
(0.020±0.004)
Terminal
0.25±0.15
(t)
(0.010±0.006)
1
032817
Resistor
Detail
Outline
EIA 0402
Package
Glass wafer sandwich
Standard Resistance Values (Ω)
25Ω, 50Ω, 100Ω, 200Ω
Resistance Value Range
From 25Ω to 400Ω
Termination
Flexiterm® (Ag/Epoxy) NiSn plated
Ni/Au - Gold termination
Power Rating
125 mW
Operating Temperature Range
-40°C to +125°C
Tolerance
0.5%, 1%, 2%
Cold Storage
-65°C
Resistor Material (TaN): Properties
Sheet Resistance
TCR ppm/ºC
(Ohms per Square)
30 to 100
50 to -150
-5.9
-6.01
-6.12
-6.23
-6.34
-6.45
-6.56
-6.67
-6.78
-6.89
1
3.9
6.8
9.7
12.6 15.5 18.4 21.3 24.2 27.1
30
Frequency (GHz)
Series Flatness vs. Frequency


Similar Part No. - UBR

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UBR NICHICON-UBR Datasheet
636Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
July 2024
logo
Pepperl+Fuchs Inc.
UBR250-F77-E0-V31 PF-UBR250-F77-E0-V31 Datasheet
235Kb / 2P
Reflex ultrasonic sensor
UBR250-F77-E2-V31 PF-UBR250-F77-E2-V31 Datasheet
235Kb / 2P
Reflex ultrasonic sensor
UBR250-F77-E3-V31 PF-UBR250-F77-E3-V31 Datasheet
235Kb / 2P
Reflex ultrasonic sensor
logo
Nichicon corporation
UBR2W101MND NICHICON-UBR2W101MND Datasheet
636Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
July 2024
More results

Similar Description - UBR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
Next Generation Micro Controller Supply
Rev. 1.1, November 2007
logo
List of Unclassifed Man...
NJM2406F-TE1 ETC-NJM2406F-TE1 Datasheet
157Kb / 4P
The NJM2406 is a single comparator of ultra miniature surface mount package.
NE8FBH ETC2-NE8FBH Datasheet
6Mb / 29P
The next generation of the worldwide accepted standard
NC3MD-LX ETC2-NC3MD-LX Datasheet
6Mb / 29P
The next generation of the worldwide accepted standard
logo
Silicon Laboratories
1201241 SILABS-1201241 Datasheet
42Kb / 2P
Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
1201242 SILABS-1201242 Datasheet
42Kb / 2P
Silicon Laboratories is pleased to announce revision 1.2 of the datasheet
1201243 SILABS-1201243 Datasheet
41Kb / 2P
Silicon Laboratories is pleased to announce revision 1.1 of the datasheet
1211141 SILABS-1211141 Datasheet
99Kb / 2P
Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
logo
Infineon Technologies A...
ICE5AR4770AG INFINEON-ICE5AR4770AG Datasheet
2Mb / 42P
The ICE5xRxxxxAG is the 5th generation of fixed
V 2.2 2018-03-02
ICE5AR4770BZS INFINEON-ICE5AR4770BZS Datasheet
1Mb / 36P
The ICE5ARxxxxBZS is the 5th generation of fixed
V 2.1 2018-02-27
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com