Electronic Components Datasheet Search
  English  ▼

X  

UC3383L-20-AB3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UC3383L-20-AB3-R
Description  PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3383L-20-AB3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UC3383L-20-AB3-R Datasheet HTML 1Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 2Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 3Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 4Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 5Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 6Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 7Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 8Page - Unisonic Technologies UC3383L-20-AB3-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
UNI SONI C TECHNOLOGI ES CO., LTD
UC3383
CMOS IC
www.unisonic.com.tw
1 of 14
Copyright © 2018 Unisonic Technologies Co., Ltd.
QW-R502-032.L
PFM CON T ROLLED, ST EP-U P
DC/DC CON V ERT ERS
(V ARI ABLE DU T Y RAT I O)
DESCRI PT I ON
The UTC UC3383 Series are PFM step-up DC/DC switching converter.
The UTC UC3383 can support both large and small currents. It
automatically switches duty ratio (45%/75%) when it senses changes in
load.
Both built-in and external transistor types include 5-pin and 3-pin
packages, which are provided with either a CE (chip enable) function that
reduces power consumption during shut-down mode, or a VDD pin
function (separated power and voltage detect pins).
FEAT U RES
* Output Voltage Range: 2.0V~7.0V in 0.1V Increments
* Operating (Start-up) Voltage Range: 0.9V~10V
* Highly Accurate: Set-up Voltage ±2.5%
* Maximum Oscillator Frequency (Max Fosc1): 180kHz (±15%)
* Variable Duty Ratio: 45%/75% (±5%)
* Both Switching Transistor Built-in and External Types are Available
* 5-Lead Package Offer Chip Enable or Independent VOUT Pin Option.
RDERI N G I N FORM AT I ON
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
4
5
Packing
UC3383L-xx-AB3-R
UC3383G-xx-AB3-R
SOT-89
VSS
VOUT
Lx
-
-
Tape Reel
UC3383L-xx-AF5-R
UC3383G-xx-AF5-R
SOT-25
CE
VOUT
NC
VSS
Lx
Tape Reel
Note:
Pin Assignment: NC: No Connection
CE: Chip Enable
xx: Output Voltage, refer to Marking Information.


Similar Part No. - UC3383L-20-AB3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3383L-XX-AB3-R UTC-UC3383L-XX-AB3-R Datasheet
364Kb / 15P
PFM CONTROLLED, STEP-UP DC CONVERTERS VARIABLE DUTY RATIO)
UC3383L-XX-AF5-R UTC-UC3383L-XX-AF5-R Datasheet
364Kb / 15P
PFM CONTROLLED, STEP-UP DC CONVERTERS VARIABLE DUTY RATIO)
More results

Similar Description - UC3383L-20-AB3-R

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
Microchip Technology
TC125 MICROCHIP-TC125 Datasheet
459Kb / 12P
PFM Step-Up DC/DC Regulators
2002
logo
Torex Semiconductor
0314_XC6385 TOREX-0314_XC6385 Datasheet
179Kb / 7P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
XC6382 TOREX-XC6382 Datasheet
280Kb / 17P
PFM CONTROLLED STEP UP DC/DC CONVERTERS
logo
Unisonic Technologies
L3383 UTC-L3383 Datasheet
250Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
logo
Torex Semiconductor
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
PFM Controlled Step-Up DC/DC Converter / Controller ICs
logo
Unisonic Technologies
UC3383 UTC-UC3383 Datasheet
277Kb / 15P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS (VARIABLE DUTY RATIO)
UC3383 UTC-UC3383_11 Datasheet
364Kb / 15P
PFM CONTROLLED, STEP-UP DC CONVERTERS VARIABLE DUTY RATIO)
UC3383 UTC-UC3383_15 Datasheet
346Kb / 14P
PFM CONTROLLED, STEP-UP DC/DC CONVERTERS
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
PFM Step-Up DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com