Electronic Components Datasheet Search
  English  ▼

X  

ZXSC410 Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZXSC410
Description  VOLTAGE MODE BOOST CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC410 Datasheet(HTML) 8 Page - Zetex Semiconductors

Back Button ZXSC410 Datasheet HTML 4Page - Zetex Semiconductors ZXSC410 Datasheet HTML 5Page - Zetex Semiconductors ZXSC410 Datasheet HTML 6Page - Zetex Semiconductors ZXSC410 Datasheet HTML 7Page - Zetex Semiconductors ZXSC410 Datasheet HTML 8Page - Zetex Semiconductors ZXSC410 Datasheet HTML 9Page - Zetex Semiconductors ZXSC410 Datasheet HTML 10Page - Zetex Semiconductors ZXSC410 Datasheet HTML 11Page - Zetex Semiconductors ZXSC410 Datasheet HTML 12Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ZXSC410
ZXSC420
SEMICO NDUC TORS
ISSUE 2 - May 2003
8
Ref
Value
Part Number
Manufacture
Comments
U1
ZXSC410E6
Zetex
DC-DC converter IC
U2
ZX3CDBS1M832
Zetex
Low sat NPN + 1A Schottky
L1
22µH
CMD4D11-220
Sumida
1mm height profile
R1
100m
Ω
LR1206 / RL1220
IRC / Cyntec
1206 / 0805 size
R2
16k
Ω
Generic
Generic
0603 size
R3
1k
Ω
Generic
Generic
0603 size
C1
22µF/6V3
GRM Series
Murata
1206 size
C2
22µF/6V3
GRM Series
Murata
1206 size
C3
1nF
Generic
Generic
0603 size
REFERENCE DESIGNS
ZXSC410 DC-DC Controller
VIN=2.5V to 4.2V
VOUT=5V; ILOAD=100mA
Bill of Materials



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com