Electronic Components Datasheet Search
  English  ▼

X  

FH29 Datasheet(PDF) 1 Page - Hirose Electric

Part # FH29
Description  0.2mm Pitch 1.2 mm Height Space Saving FPC Connectors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH29 Datasheet(HTML) 1 Page - Hirose Electric

  FH29 Datasheet HTML 1Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Issued: June 29, 2005
ITS-P-04015H-.1
Specifications herein are subject to change without notice. Contact Hirose for latest specifications, drawings or availabilities.
FH29 Series
0.2mm Pitch 1.2 mm Height
Space Saving FPC Connectors
Features
1.Space saving and light weight
2.Easy mounting in double-sided lead design: 0.4 mm mounting lead pitch
3.FPC alignment mechanism enables high connection reliability
4.Unique and user-friendly actuator operation:
Tactile sensation allows reliable actuator retention
5.Board surface under the connector is available for PCB patterning
6.Suitable for FPC with mating area thickness of 0.2
±0.03mm
[Industry standard thickness]
7. Satisfies RoHS requirements
17.8
2
FPC Side-Catcher Design
Dimensions
FPC Tab
FPC
Side-catcher
Mounting Pitch
0.4mm
Secure and Highly
Reliable Connection!!
1. FPC is temporarily retained before the actuator is closed.
2. Precise FPC positioning prevents angled FPC insertion
High production quality independent of each workers’ capability
3. Enhanced FPC retention force


Similar Part No. - FH29

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH2 GOOD-ARK-FH2 Datasheet
379Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
logo
HAKKO Corporation
FH200-01 HAKKO-FH200-01 Datasheet
533Kb / 2P
Heavy Duty Soldering Iron and Tips
Rev 2007-12
FH200-81 HAKKO-FH200-81 Datasheet
423Kb / 2P
Micro Soldering Iron kit
logo
FOOSUNG CO, LTD.
FH20020-24 FOOSUNG-FH20020-24 Datasheet
408Kb / 1P
2.0P HOUSING 24P 6.2H
logo
Sanyo Semicon Device
FH201 SANYO-FH201 Datasheet
75Kb / 8P
VCO OSC Circuit Applications
More results

Similar Description - FH29

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
GX60-18P HIROSE-GX60-18P Datasheet
294Kb / 5P
0.4 mm Pitch, Space-saving Interface Connectors
logo
Panasonic Semiconductor
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
logo
Mercury United Electron...
MQ MERCURY-MQ_15 Datasheet
115Kb / 1P
1.2 mm height. Ideal for space-constrained applications such as PCMCIA
logo
P-tec Corporation
PL104-1R1Y2G240113 P-TEC-PL104-1R1Y2G240113 Datasheet
32Kb / 1P
Space saving Circuit Board Indicator
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
space-saving
logo
Micro Commercial Compon...
ESDLC2V8P8U MCC-ESDLC2V8P8U Datasheet
617Kb / 3P
For space saving application
logo
Hirose Electric
FH19C HIROSE-FH19C Datasheet
348Kb / 12P
0.5 mm Pitch, 0.9 mm Height, FPC/FFC Connectors
logo
PHOENIX CONTACT
2702491 PHOENIX-2702491 Datasheet
68Kb / 3P
Space saving, thanks to the low height
logo
STEGO Elektrotechnik Gm...
HV031 STEGO-HV031 Datasheet
1Mb / 1P
SPACE-SAVING FAN HEATER
08.09.2021
HVI030 STEGO-HVI030 Datasheet
265Kb / 1P
SPACE-SAVING FAN HEATER
19.03.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com