Electronic Components Datasheet Search
  English  ▼

X  

ICS853S031I Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS853S031I
Description  LVPECL/ECL Fanout Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S031I Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS853S031I Datasheet HTML 4Page - Integrated Device Technology ICS853S031I Datasheet HTML 5Page - Integrated Device Technology ICS853S031I Datasheet HTML 6Page - Integrated Device Technology ICS853S031I Datasheet HTML 7Page - Integrated Device Technology ICS853S031I Datasheet HTML 8Page - Integrated Device Technology ICS853S031I Datasheet HTML 9Page - Integrated Device Technology ICS853S031I Datasheet HTML 10Page - Integrated Device Technology ICS853S031I Datasheet HTML 11Page - Integrated Device Technology ICS853S031I Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ICS853S031I Data Sheet
LOW SKEW, 1-TO-9, DIFFERENTIAL-TO-2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
ICS853S031BYI REVISION A AUGUST 17, 2011
8
©2011 Integrated Device Technology, Inc.
Parameter Measurement Information
LVPECL Output Load AC Test Circuit
Part-to-Part Skew
Output Rise/Fall Time
Differential Input Level
Output Skew
Propagation Delay
SCOPE
Qx
nQx
VEE
VCC,
2V
-0.375V to -1.465V
VCCO
tsk(pp)
Par t 1
Par t 2
nQx
Qx
nQy
Qy
20%
80%
80%
20%
tR
t F
VSWING
nQ0:nQ8
Q0:Q8
VCC
VEE
V
CMR
Cross Points
V
PP
nPCLK, nCLK
PCLK, CLK
tsk(o)
nQx
Qx
nQy
Qy
tPD
nQ0:nQ8
Q0:Q8
nPCLK,
nCLK
PCLK, CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com