Electronic Components Datasheet Search
  English  ▼

X  

85322AMILF Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 85322AMILF
Description  Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

85322AMILF Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 85322AMILF Datasheet HTML 8Page - Integrated Device Technology 85322AMILF Datasheet HTML 9Page - Integrated Device Technology 85322AMILF Datasheet HTML 10Page - Integrated Device Technology 85322AMILF Datasheet HTML 11Page - Integrated Device Technology 85322AMILF Datasheet HTML 12Page - Integrated Device Technology 85322AMILF Datasheet HTML 13Page - Integrated Device Technology 85322AMILF Datasheet HTML 14Page - Integrated Device Technology 85322AMILF Datasheet HTML 15Page - Integrated Device Technology 85322AMILF Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ICS85322I Data Sheet
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V/3.3V LVPECL TRANSLATOR
ICS85322I REVISION D MARCH 6, 2014
13
©2014 Integrated Device Technology, Inc.
8-Lead TSSOP Package Outline and Dimensions
A2
Table 8. Package Dimensions
Reference Document: JEDEC Publication 95, MO-187
All Dimensions in Millimeters
Symbol
Minimum
Maximum
A
–
1.10
A1
0
0.15
A2
0.79
1.05
c
0.08
0.23
D
3.00 BASIC
E
4.90 BASIC
E1
3.00 BASIC
L
0.40
0.80
0°
8°
aaa
–
0.10
Variations
mm.
Minimum
Maximum
N=8
b
0.22
0.38
e
0.65 BASIC
e1
1.95 BASIC
N=10
b
0.17
0.27
e
0.50 BASIC
e1
2.00 BASIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com