Electronic Components Datasheet Search
  English  ▼

X  

2SD982 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2SD982
Description  INDUSTRIAL USE POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

2SD982 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2SD982 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2SD982 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2SD982

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SD982 NJSEMI-2SD982 Datasheet
126Kb / 1P
TRIPLE DIFFUSED PLANER TYPE ULTRA HIGH TRANSISTOR INDUSTRIAL USE POWER SUPPLY
More results

Similar Description - 2SD982

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD921 ETC-2SD921 Datasheet
115Kb / 3P
INDUSTRIAL USE POWER SUPPLY
2SD923 ETC-2SD923 Datasheet
117Kb / 3P
INDUSTRIAL USE POWER SUPPLY
logo
New Jersey Semi-Conduct...
2SD981 NJSEMI-2SD981 Datasheet
142Kb / 1P
TRIPLE DIFFUSED PLANER TYPE HIGH POWER DARLINGTON INDUSTRIAL USE POWER SUPPLY
2SD982 NJSEMI-2SD982 Datasheet
126Kb / 1P
TRIPLE DIFFUSED PLANER TYPE ULTRA HIGH TRANSISTOR INDUSTRIAL USE POWER SUPPLY
logo
Level One
POW-4840 LVL1-POW-4840 Datasheet
318Kb / 1P
120W 48VDC Industrial Power Supply,
logo
Power System Technology
FAB0307020 PST-FAB0307020 Datasheet
220Kb / 3P
Industrial power supply
logo
TRACO Electronic AG
TBLC15 TRACOPOWER-TBLC15 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
TBLC25 TRACOPOWER-TBLC25 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
TBLC50 TRACOPOWER-TBLC50 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
TBLC75 TRACOPOWER-TBLC75 Datasheet
1Mb / 4P
AC/DC Industrial Power Supply
Rev. November 30, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com