Electronic Components Datasheet Search
  English  ▼

X  

STPS20100CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STPS20100CT
Description  High Voltage Power Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPS20100CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPS20100CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPS20100CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
High Voltage Power Schottky Rectifier
STPS20100CT
FEATURES
·
Plastic material used carriers Underwriter Laboratory
·
Metal silicon junction, majority carrier conduction
·
Low Power Loss,high Efficiency
·
Guard ring for overvoltage protection
·
High Surge Capability,High Current Capability
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
For use in low voltage,high frequency inverters,free wheeling
and polarity protection applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
100
V
IF(RMS)
RMS Forward current
30
A
IF(AV)
Average Rectified Forward
Current Tc=110℃ VR=60V
per diode
per device
10
20
A
IFSM
Nonrepetitive Peak Surge Current
8.3ms single half sine-wave superimposed
on rated load conditions
tp=10 ms sinusoidal
200
A
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
dv/dt
Voltage Rate of Change (Rated VR)
1000
V/μs


Similar Part No. - STPS20100CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20100CT STMICROELECTRONICS-STPS20100CT Datasheet
180Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Aug-2002
logo
SUNMATE electronic Co.,...
STPS20100CT SUNMATE-STPS20100CT Datasheet
623Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
STMicroelectronics
STPS20100CT STMICROELECTRONICS-STPS20100CT Datasheet
186Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Aug-2002
More results

Similar Description - STPS20100CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com