Electronic Components Datasheet Search
  English  ▼

X  

SMLP34RGB2W Datasheet(PDF) 4 Page - Rohm

Part # SMLP34RGB2W
Description  The smallest class 3 color type LED in the world PICOLEDTM-RGB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP34RGB2W Datasheet(HTML) 4 Page - Rohm

  SMLP34RGB2W Datasheet HTML 1Page - Rohm SMLP34RGB2W Datasheet HTML 2Page - Rohm SMLP34RGB2W Datasheet HTML 3Page - Rohm SMLP34RGB2W Datasheet HTML 4Page - Rohm SMLP34RGB2W Datasheet HTML 5Page - Rohm SMLP34RGB2W Datasheet HTML 6Page - Rohm SMLP34RGB2W Datasheet HTML 7Page - Rohm SMLP34RGB2W Datasheet HTML 8Page - Rohm SMLP34RGB2W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
    
[Data Sheet]
■Rank Reference of Brightness*
*Measurement tolerance:±10%
[SMLP34RGB series]
Triple Color
(Ta=25ºC, IF=5mA)
28〜56 56〜110 28〜56 56〜110 28〜56 56〜110 28〜56 56〜110 28〜56 56〜110 28〜56 56〜110
F
SMLP34RGB2W(R)
B
D
C
E
Emitting
Color
Red
14〜28
形名
Rank
Iv
(mcd)
A
Blue
56〜90
90〜140
140〜220
56〜90
Green
28〜 56
J
K
L
M
90〜140
140〜220
G
H
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
4/9
2017.11 - Rev.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com