Electronic Components Datasheet Search
  English  ▼

X  

SMLP36RGB2WR Datasheet(PDF) 5 Page - Rohm

Part # SMLP36RGB2WR
Description  The smallest class 3 color type LED in the world PICOLEDTM-RGB
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SMLP36RGB2WR Datasheet(HTML) 5 Page - Rohm

  SMLP36RGB2WR Datasheet HTML 1Page - Rohm SMLP36RGB2WR Datasheet HTML 2Page - Rohm SMLP36RGB2WR Datasheet HTML 3Page - Rohm SMLP36RGB2WR Datasheet HTML 4Page - Rohm SMLP36RGB2WR Datasheet HTML 5Page - Rohm SMLP36RGB2WR Datasheet HTML 6Page - Rohm SMLP36RGB2WR Datasheet HTML 7Page - Rohm SMLP36RGB2WR Datasheet HTML 8Page - Rohm SMLP36RGB2WR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
    
[Data Sheet]
■Taping(3)
Unit:
mm
Note)Tolerance is within ±0.1mm unless
otherwise specified.
■Part No. Construction
■Packing Specification
ROHM LED products are being shipped with desiccant (silica gel) included in moisture-proof bags.
or enclosing the humidity indication card inside the bag is available upon request.
Please contact the nearest sales office or distributer if necessary.
[SMLP36RGB series]
Pasting the moisture sensitive label on the outer surface of the moisture-proof bags
*"-"will be taken out for emitting color
Special Code will be applied for
Chromaticity rank
Rank sign
WB/B/E/RGB series.
Emitting color WB/B/E/RGB series.
(for white LED)
(Brightness Rank)*
Series name
Package Type
Chip type Emitting Color
Resin Color
Taping Specification
SML
P1
0
V
T
E1
1
U
W
D1
2
U2
B
H1
3
D
M1
4
Y3
01
5
Y2
notice)S1 series、81 seires
Z1/ZN
6
Y
A1
7
W
81/82
8
M2
K1
M
*Concerning the Brightness rank.
S1
F
*Please refer to the rank chart above for
P2
P
luminous intensity classification.
52
E
*Part name is individual for each rank.
P34
B
*When shipped as sample,the part name will
P36
WB
be a representative part name.
VN
T
General products are free of ranks.
RGB
Please contact sales if rank appointment
SCM
01
is needed.
1.5x1.0 t=0.2mm
Yellow
3.5x2.8 t=0.6mm
Phototransistors
Yellow
1.0x1.0 t=0.2mm
Green
1.3x1.5 t=0.6mm
Green
1.0x1.0 t=0.2mm
Blue
3.2x1.6 t=1.85mm
Green
4.5x2.0 t=0.6mm
T86 Cathode at sprocket hole side(the back)
T68 Cathode at sprocket hole side(the top)
Yellowish green
White
Red/Green/Blue
3.0x2.0 t=1.3mm
Yellow
2.0x1.25 t=0.8mm
Ultra High Brightness type
3.5x2.8 t=1.9mm
Yellowish green
Orange
Yellow
1.6x1.15 t=0.55mm
3.4x1.25 t=1.1mm
Chip LED
1.0x0.6 t=0.2mm
1.6x0.8 t=0.36mm
1.6x0.8 t=0.55mm
T86 Cathode at sprocket hole side(the top)
3
Low Current Type
Red
T87 Anode at sprocket hole side(the top)
High Brightness type
1
Red
Milkey White
Black
S
M
L
-
6
Chip LED
3.0x1.5 t=2.2mm
For white LED,
csthode at sprocket hole side
3
P
RGB
2
W
3
Standard Type
Red
Transparent Colorless
A
B
B '
←
←
↑
↑
A
A '
D e s c r i p t i o n ( F r o n t
v i e w )
φ 1 . 5
+ 0 . 1
0
4
± 0 . 1
± 1
1 1 . 4
2
± 0 . 0 5
1 . 1 5
± 0 . 0 5
0 . 2 8
+ 0 . 0 4
- 0 . 0 3
2
± 0 . 0 5
φ 0 . 5
± 0 . 0 5
Packing
quantity
5,000pcs/reel
Pull
direction
G
R
B
B - B'
c r o s s
s e c t i o n a l
v i e w
A - A'
c r o s s s
s e c t i o n a l
v i e w
________________________________________________________
www.rohm.com
©2016 ROHM Co., Ltd. All rights reserved
5/9
2017.11 - Rev.007



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com