Electronic Components Datasheet Search
  English  ▼

X  

87016 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 87016
Description  Low Skew LVCMOS/LVTTL Clock Generator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

87016 Datasheet(HTML) 4 Page - Integrated Device Technology

  87016 Datasheet HTML 1Page - Integrated Device Technology 87016 Datasheet HTML 2Page - Integrated Device Technology 87016 Datasheet HTML 3Page - Integrated Device Technology 87016 Datasheet HTML 4Page - Integrated Device Technology 87016 Datasheet HTML 5Page - Integrated Device Technology 87016 Datasheet HTML 6Page - Integrated Device Technology 87016 Datasheet HTML 7Page - Integrated Device Technology 87016 Datasheet HTML 8Page - Integrated Device Technology 87016 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
LOW SKEW, 1-TO-16
LVCMOS/LVTTL CLOCK GENERATOR
87016 DATA SHEET
4
REVISION C 06/26/15
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= 0°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
DD
Positive Supply Voltage
3.135
3.3
3.465
V
V
DDOx
Output Supply Voltage; NOTE 1
3.135
3.3
3.465
V
2.375
2.5
2.625
V
1.71
1.8
1.89
V
I
DD
Power Supply Current
100
mA
I
DDOx
Output Supply Current; NOTE 2
15
mA
NOTE 1: V
DDOx denotes VDDOA, VDDOB, VDDOC, and VDDOD. NOTE 2: IDDOx denotes IDDOA, IDDOB, IDDOC, and IDDOD.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
V
IH
Input
High Voltage
DIV_SELA:DIV_SELD,
CLK_ENA:CLK_END,
nMR/OE, CLK_SEL
2V
DD
+ 0.3
V
CLK0
2V
DD
+ 0.3
V
V
IL
Input
Low Voltage
DIV_SELA:DIV_SELD,
CLK_ENA:CLK_END,
nMR/OE, CLK_SEL
-0.3
0.8
V
CLK0
-0.3
1.3
V
I
IH
Input
High Current
CLK_ENA:CLK_END,
DIV_SELA:DIV_SELD,
nMR/OE
V
DD
= V
IN
= 3.465V
5
µA
CLK0, CLK_SEL
V
DD
= V
IN
= 3.465V
150
µA
I
IL
Input
Low Current
CLK_ENA:CLK_END,
DIV_SELA:DIV_SELD,
nMR/OE
V
DD
= 3.465V, V
IN
= 0V
-150
µA
CLK0, CLK_SEL
V
DD
= 3.465V, V
IN
= 0V
-5
µA
V
OH
Output High Voltage; NOTE 1
V
DDOx
= 3.3V ± 5%; NOTE 2
2.6
V
V
DDOx
= 2.5V ± 5%; NOTE 2
1.8
V
V
DDOx
= 1.8V ± 5%; NOTE 2 I
OH
=
-2mA
V
DDOxDD - 0.45
V
V
OL
Output Low Voltage; NOTE 1
V
DDOx
= 3.3V ± 5%; NOTE 2
0.5
V
V
DDOx
= 2.5V ± 5%; NOTE 2
0.5
V
V
DDOx
= 1.8V ± 5%; NOTE 2 I
OL
=
2mA
0.45
V
I
OZL
Output Tristate Current Low
-5
µA
I
OZH
Output Tristate Current High
5µA
NOTE 1: Outputs terminated with 50W to V
DDOX/2. See Parameter Measurement Information, Output Load Test Circuit.
NOTE 2: V
DDOx denotes VDDOA, VDDOB, VDDOC and VDDOD.
TABLE 4B. LVCMOS/LVTTL DC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= 0°C TO 85°C
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DDOx + 0.5V
Package Thermal Impedance,
θ
JA
47.9°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions
beyond those listed in the DC Characteristics or AC Charac-
teristics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com