Electronic Components Datasheet Search
  English  ▼

X  

POPA202IDBVR Datasheet(PDF) 22 Page - Texas Instruments

Part # POPA202IDBVR
Description  Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifier
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

POPA202IDBVR Datasheet(HTML) 22 Page - Texas Instruments

Back Button POPA202IDBVR Datasheet HTML 18Page - Texas Instruments POPA202IDBVR Datasheet HTML 19Page - Texas Instruments POPA202IDBVR Datasheet HTML 20Page - Texas Instruments POPA202IDBVR Datasheet HTML 21Page - Texas Instruments POPA202IDBVR Datasheet HTML 22Page - Texas Instruments POPA202IDBVR Datasheet HTML 23Page - Texas Instruments POPA202IDBVR Datasheet HTML 24Page - Texas Instruments POPA202IDBVR Datasheet HTML 25Page - Texas Instruments POPA202IDBVR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 39 page
background image
0
20
40
60
80
100
10M
100M
1000M
Frequency (Hz)
C004
22
OPA202
SBOS812A – OCTOBER 2017 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: OPA202
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
7.3.9 EMI Rejection
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of operational
amplifiers. An adverse effect that is common to many op amps is a change in the offset voltage as a result of RF
signal rectification. An op amp that is more efficient at rejecting this change in offset as a result of EMI has a
higher EMIRR and is quantified by a decibel value. Measuring EMIRR is performed in many ways, but this
section provides the EMIRR IN+, which specifically describes the EMIRR performance when the RF signal is
applied to the noninverting input pin of the op amp. In general, only the noninverting input is tested for EMIRR for
the following three reasons:
•
Op amp input pins are known to be the most sensitive to EMI, and typically rectify RF signals better than the
supply or output pins.
•
The noninverting and inverting op amp inputs have symmetrical physical layouts and exhibit matching EMIRR
performance
•
EMIRR is easier to measure on noninverting pins than on other pins because the noninverting input pin can
be isolated on a PCB. This isolation allows the RF signal to be applied directly to the noninverting input pin
with no complex interactions from other components or connecting PCB traces.
High-frequency signals conducted or radiated to any pin of the operational amplifier may result in adverse
effects, as the amplifier does not have sufficient loop gain to correct for signals with spectral content outside
the bandwidth. Conducted or radiated EMI on inputs, power supply, or output may result in unexpected DC
offsets, transient voltages, or other unknown behavior. Take care to properly shield and isolate sensitive
analog nodes from noisy radio signals and digital clocks and interfaces. shows the effect of conducted EMI to
the power supplies on the input offset voltage of OPA202.
The EMIRR IN+ of the OPA202 is plotted versus frequency as shown in Figure 45. If available, any dual and
quad op amp device versions have similar EMIRR IN+ performance. The OPA202 unity-gain bandwidth is 1
MHz. EMIRR performance below this frequency denotes interfering signals that fall within the op amp
bandwidth.
See EMI Rejection Ratio of Operational Amplifiers, available for download from www.ti.com.
Figure 45. OPA202 EMIRR IN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com