Electronic Components Datasheet Search
  English  ▼

X  

HC574 Datasheet(PDF) 4 Page - Texas Instruments

Part # HC574
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HC574 Datasheet(HTML) 4 Page - Texas Instruments

  HC574 Datasheet HTML 1Page - Texas Instruments HC574 Datasheet HTML 2Page - Texas Instruments HC574 Datasheet HTML 3Page - Texas Instruments HC574 Datasheet HTML 4Page - Texas Instruments HC574 Datasheet HTML 5Page - Texas Instruments HC574 Datasheet HTML 6Page - Texas Instruments HC574 Datasheet HTML 7Page - Texas Instruments HC574 Datasheet HTML 8Page - Texas Instruments HC574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN54HC574, SN74HC574
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCLS148F − DECEMBER 1982 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
V
TA = 25°C
SN54HC574
SN74HC574
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
4
5
fclock
Clock frequency
4.5 V
30
20
24
MHz
fclock
Clock frequency
6 V
38
24
28
MHz
2 V
80
120
100
tw
Pulse duration, CLK high or low
4.5 V
16
24
20
ns
tw
Pulse duration, CLK high or low
6 V
14
20
17
ns
2 V
100
150
125
tsu
Setup time, data before CLK
↑
4.5 V
20
30
25
ns
tsu
Setup time, data before CLK
↑
6 V
17
26
21
ns
2 V
5
5
5
th
Hold time, data after CLK
↑
4.5 V
5
5
5
ns
h
,
6 V
5
5
5
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
V
TA = 25°C
SN54HC574
SN74HC574
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
11
4
5
fmax
4.5 V
30
36
20
24
MHz
fmax
6 V
36
40
24
28
MHz
2 V
90
180
270
225
tpd
CLK
Any Q
4.5 V
28
36
54
45
ns
tpd
CLK
Any Q
6 V
24
31
46
38
ns
2 V
77
150
225
190
ten
OE
Any Q
4.5 V
26
30
45
38
ns
ten
OE
Any Q
6 V
23
26
38
32
ns
2 V
52
150
225
190
tdis
OE
Any Q
4.5 V
24
30
45
38
ns
tdis
OE
Any Q
6 V
22
26
38
32
ns
2 V
28
60
90
75
tt
Any Q
4.5 V
8
12
18
15
ns
t
yQ
6 V
6
10
15
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com