Electronic Components Datasheet Search
  English  ▼

X  

SN74LVC2G53 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G53
Description  Single-Pole Double-Throw (SPDT) Analog Switch 2:1 Analog Multiplexer/Demultiplexer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G53 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2G53 Datasheet HTML 4Page - Texas Instruments SN74LVC2G53 Datasheet HTML 5Page - Texas Instruments SN74LVC2G53 Datasheet HTML 6Page - Texas Instruments SN74LVC2G53 Datasheet HTML 7Page - Texas Instruments SN74LVC2G53 Datasheet HTML 8Page - Texas Instruments SN74LVC2G53 Datasheet HTML 9Page - Texas Instruments SN74LVC2G53 Datasheet HTML 10Page - Texas Instruments SN74LVC2G53 Datasheet HTML 11Page - Texas Instruments SN74LVC2G53 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
100
10
1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VCC = 1.65 V
VCC = 2.3 V
VCC = 3.0 V
VCC = 4.5 V
VI - V
8
SN74LVC2G53
SCES324P – JULY 2001 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: SN74LVC2G53
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
6.9 Typical Characteristics
Figure 1. Typical ron as a Function of Input Voltage (VI) for VI = 0 to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com