Electronic Components Datasheet Search
  English  ▼

X  

FUSB302 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FUSB302
Description  Programmable USB Type-C Controller w/PD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB302 Datasheet(HTML) 1 Page - ON Semiconductor

  FUSB302 Datasheet HTML 1Page - ON Semiconductor FUSB302 Datasheet HTML 2Page - ON Semiconductor FUSB302 Datasheet HTML 3Page - ON Semiconductor FUSB302 Datasheet HTML 4Page - ON Semiconductor FUSB302 Datasheet HTML 5Page - ON Semiconductor FUSB302 Datasheet HTML 6Page - ON Semiconductor FUSB302 Datasheet HTML 7Page - ON Semiconductor FUSB302 Datasheet HTML 8Page - ON Semiconductor FUSB302 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
July 2017
© 2015 Semiconductor Components Industries, LLC.
www.fairchildsemi.com
FUSB302 • Rev. 2
www.onsemi.com
FUSB302
Programmable USB Type-C Controller w/PD
Features
Dual-Role Functionality with Autonomous DRP
Toggle
Ability to connect as either a host or a device based
on what has been attached.
Software configurable either as a dedicated host,
dedicated device, or dual role.
- Dedicated devices can operate both on a Type-C
receptacle or a Type-C plug with a fixed CC and
VCONN channel.
Full Type-C 1.1 Support. Integrates the following
functionality of the CC pin
- Attach/Detach Detection as Host
- Current Capability Indication as Host
- Current Capability Detection as Device
- Audio Adapter Accessory Mode
- Debug Accessory Mode
- Active Cable Detection
Integrates CCx to VCONN switch with over-current
limiting for powering USB3.1 Full Featured cables.
USB Power Delivery (PD) 2.0, Version 1.1 Support
- Automatic GoodCRC Packet Response
- Automatic retries of sending a packet if a
GoodCRC is not received
- Automatic soft reset packet sent with retries if
needed
- Automatic Hard Reset Ordered Set Sent
Dead Battery Support (SNK Mode Support when
No Power Applied)
Low Power Operation: I
CC
= 25
μA (Typical)
Packaged in 9-Ball WLCSP (1.215 mm x
1.260 mm) and 14-lead MLP (2.5 mm x 2.5 mm,
0.5 mm Pitch)
Description
The FUSB302 targets system designers looking to
implement a DRP/SRC/SNK USB Type-C connector
with low amount of programmability.
The FUSB302 enables the USB Type-C detection
including
attach,
and
orientation.
The
FUSB302
integrates the physical layer of the USB BMC power
delivery protocol to allow up to 100 W of power and role
swap. The BMC PD block enables full support for
alternative interfaces of the Type-C specification.
Applications
Smartphones
Tablets
Laptops
Notebooks
Power Adapters
Cameras
Dongles
Figure 1.
Block Diagram
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FUSB302UCX
-40 to 85°C
9-Ball Wafer-Level Chip Scale Package (WLCSP),
0.4 mm Pitch
Tape and Reel
FUSB302MPX
14-Lead MLP 2.5 mm x 2.5 mm, 0.5 mm Pitch


Similar Part No. - FUSB302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB302B ONSEMI-FUSB302B Datasheet
308Kb / 32P
Programmable USB Type?륝 Controller w/PD
November, 2017 ??Rev. 4
FUSB302B01MPX ONSEMI-FUSB302B01MPX Datasheet
308Kb / 32P
Programmable USB Type?륝 Controller w/PD
November, 2017 ??Rev. 4
FUSB302B10MPX ONSEMI-FUSB302B10MPX Datasheet
308Kb / 32P
Programmable USB Type?륝 Controller w/PD
November, 2017 ??Rev. 4
FUSB302B11MPX ONSEMI-FUSB302B11MPX Datasheet
308Kb / 32P
Programmable USB Type?륝 Controller w/PD
November, 2017 ??Rev. 4
FUSB302BMPX ONSEMI-FUSB302BMPX Datasheet
308Kb / 32P
Programmable USB Type?륝 Controller w/PD
November, 2017 ??Rev. 4
More results

Similar Description - FUSB302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
FUSB302B ONSEMI-FUSB302B Datasheet
308Kb / 32P
Programmable USB Type?륝 Controller w/PD
November, 2017 ??Rev. 4
FUSB302T ONSEMI-FUSB302T Datasheet
1Mb / 36P
Programmable USB Type-C Controller w/PD
October 2018 Rev. 2
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Richtek Technology Corp...
RT1716 RICHTEK-RT1716 Datasheet
477Kb / 37P
Programmable USB Type-C PD Controller
March 2020
RT7207 RICHTEK-RT7207 Datasheet
395Kb / 25P
USB PD Type-C Controller for SMPS
January 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com