Electronic Components Datasheet Search
  English  ▼

X  

2201813 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201813
Description  DIN rail bus connectors - ME 18,8 TBUS 1,5/5-ST-3,81KMGY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201813 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201813 Datasheet HTML 1Page - PHOENIX CONTACT 2201813 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
https://www.phoenixcontact.com/pi/products/2201813
10/04/2018   Page 1 / 2
DIN rail bus connectors - ME 18,8 TBUS 1,5/5-ST-3,81KMGY - 2201813
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
DIN rail connector, nominal current: 8 A, nominal current (Ex): 8 A, nominal voltage (Ex): 125 V, number of
positions: 5, pitch: 3.81 mm, color: light gray, contact surface: Gold, Articles with gold-plated contacts, bus
connectors for connecting with electronic housings
The figure shows a version of the
product
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356909365
Technical data
Dimensions
Width [ w ]
18.8 mm
Pitch
3.81 mm
General
Number of positions
5
Nominal current IN
8 A
Insulating material
PA
Flammability rating according to UL 94
V0
Standards and Regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values


Similar Part No. - 2201813

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201813 PHOENIX-2201813 Datasheet
1Mb / 27P
Component housing
2015-11-27
More results

Similar Description - 2201813

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2201960 PHOENIX-2201960 Datasheet
67Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 9/9U TBUS 7035
2201962 PHOENIX-2201962 Datasheet
66Kb / 3P
Mounting base housing - ME-IO 18,8 B/FE 5/9U TBUS 7035
2279033 PHOENIX-2279033 Datasheet
44Kb / 2P
Electronic housing - ME TBUS PST 1,5/ 5-3,81
2201757 PHOENIX-2201757 Datasheet
62Kb / 2P
DIN rail bus connectors - ME 17,5 TBUS ADAPTER KMGY
2707437 PHOENIX-2707437 Datasheet
150Kb / 3P
DIN rail bus connectors - ME 22,5 TBUS 1,5/ 5-ST-3,81 G
2709561 PHOENIX-2709561 Datasheet
151Kb / 4P
Electronic housing - ME 17,5 TBUS 1,5/ 5-ST-3,81 GN
2869728 PHOENIX-2869728 Datasheet
56Kb / 3P
Electronic housing - ME 6.2 TBUS-2 1.5/5-ST-3.81 GN
2200244 PHOENIX-2200244 Datasheet
77Kb / 6P
DIN rail bus connectors - ME 22,5 TBUS 1,5/ 5-ST-3,81 YE
2202399 PHOENIX-2202399 Datasheet
207Kb / 7P
DIN rail bus connectors - TBUS8-18,8-PPPPPPPS-7035
2201756 PHOENIX-2201756 Datasheet
62Kb / 3P
DIN rail bus connectors - ME 22,5 TBUS ADAPTER KMGY
09/12/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com