Electronic Components Datasheet Search
  English  ▼

X  

2SD2255 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD2255
Description  Silicon NPN triple diffusion planar type Darlington For power amplification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2255 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD2255 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2255 Datasheet HTML 2Page - Panasonic Semiconductor 2SD2255 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SD2255
Silicon NPN triple diffusion planar type Darlington
For power amplification
Complementary to 2SB1493
s Features
q
Optimum for 60W HiFi output
q
High foward current transfer ratio hFE: 5000 to 30000
q
Low collector to emitter saturation voltage VCE(sat): <2.5V
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
160
140
5
12
7
70
2.5
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Turn-on time
Storage time
Fall time
Symbol
ICBO
ICEO
IEBO
VCEO
hFE1
hFE2
*
VCE(sat)
VBE(sat)
fT
ton
tstg
tf
Conditions
VCB = 160V, IE = 0
VCE = 140V, IB = 0
VEB = 5V, IC = 0
IC = 30mA, IB = 0
VCE = 5V, IC = 1A
VCE = 5V, IC = 6A
IC = 6A, IB = 6mA
IC = 6A, IB = 6mA
VCE = 10V, IC = 0.5A, f = 1MHz
IC = 6A, IB1 = 6mA, IB2 = –6mA,
VCC = 50V
min
140
2000
5000
typ
20
2.5
5.0
2.5
max
100
100
100
30000
2.5
3.0
Unit
µA
µA
µA
V
V
V
MHz
µs
µs
µs
*h
FE2 Rank classification
Rank
Q
P
hFE2
5000 to 15000 8000 to 30000
TC=25°C
Ta=25
°C
Unit: mm
Internal Connection
4.5
±0.2
15.0
±0.5
13.0
±0.5
10.5
±0.5
10.9
±0.5
5.45
±0.3
1.1
±0.1
φ3.2±0.1
2.0
±0.2
2.0
±0.1
1.4
±0.3
0.6
±0.2
123
1:Base
2:Collector
3:Emitter
EIAJ:SC–65(a)
TOP–3 Package(a)
B
E
C


Similar Part No. - 2SD2255

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD2250 PANASONIC-2SD2250 Datasheet
71Kb / 3P
Silicon PNP epitaxial planar type Darlington(For power amplification)
2SD2250 PANASONIC-2SD2250 Datasheet
57Kb / 3P
Silicon NPN triple diffusion planar type Darlington(For power amplification)
logo
Inchange Semiconductor ...
2SD2250 ISC-2SD2250 Datasheet
251Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
Sanyo Semicon Device
2SD2251 SANYO-2SD2251 Datasheet
86Kb / 3P
Color TV Horizontal Deflection Output Applications???
logo
Savantic, Inc.
2SD2251 SAVANTIC-2SD2251 Datasheet
189Kb / 4P
Silicon NPN Power Transistors
More results

Similar Description - 2SD2255

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1260 PANASONIC-2SD1260 Datasheet
64Kb / 2P
Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1275 PANASONIC-2SD1275 Datasheet
62Kb / 2P
Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1276 PANASONIC-2SD1276 Datasheet
62Kb / 2P
Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1446 PANASONIC-2SD1446 Datasheet
63Kb / 2P
Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1457 PANASONIC-2SD1457 Datasheet
61Kb / 2P
Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD1895 PANASONIC-2SD1895 Datasheet
54Kb / 3P
Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2138 PANASONIC-2SD2138 Datasheet
61Kb / 2P
Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2222 PANASONIC-2SD2222 Datasheet
72Kb / 3P
Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2250 PANASONIC-2SD2250 Datasheet
57Kb / 3P
Silicon NPN triple diffusion planar type Darlington(For power amplification)
2SD2273 PANASONIC-2SD2273 Datasheet
56Kb / 3P
Silicon NPN triple diffusion planar type Darlington(For power amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com