Electronic Components Datasheet Search
  English  ▼

X  

2201962 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2201962
Description  Mounting base housing - ME-IO 18,8 B/FE 5/9U TBUS 7035
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201962 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2201962 Datasheet HTML 1Page - PHOENIX CONTACT 2201962 Datasheet HTML 2Page - PHOENIX CONTACT 2201962 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2201962
10/04/2018   Page 2 / 3
Mounting base housing - ME-IO 18,8 B/FE 5/9U TBUS 7035 - 2201962
Technical data
Dimensions
Length
113.3 mm
Height
57.7 mm
Width
18.9 mm
Technical data
Power dissipation without gap
2.8 W
Standards and Regulations
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Dimensional drawing
18,9
2,4
1,6
12,2
Approvals
Approvals
Approvals
UL Recognized / EAC
Ex Approvals
Approval details
UL Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE240868



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com