Electronic Components Datasheet Search
  English  ▼

X  

SCM1271MF Datasheet(PDF) 8 Page - Sanken electric

Part # SCM1271MF
Description  600V High Voltage 3-phase Motor Driver ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1271MF Datasheet(HTML) 8 Page - Sanken electric

Back Button SCM1271MF Datasheet HTML 4Page - Sanken electric SCM1271MF Datasheet HTML 5Page - Sanken electric SCM1271MF Datasheet HTML 6Page - Sanken electric SCM1271MF Datasheet HTML 7Page - Sanken electric SCM1271MF Datasheet HTML 8Page - Sanken electric SCM1271MF Datasheet HTML 9Page - Sanken electric SCM1271MF Datasheet HTML 10Page - Sanken electric SCM1271MF Datasheet HTML 11Page - Sanken electric SCM1271MF Datasheet HTML 12Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
SCM1270MF Series
SCM1270MF-DSE Rev.1.4
SANKEN ELECTRIC CO., LTD.
8
Aug. 9, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2017
3.4.
Transistor Characteristics
HINx/
LINx
ID/
IC
10%
0
VDS/
VCE
td(on)
0
0
90%
tr
ton
trr
td(off) tf
toff
Figure 3-2.
Switching Characteristics Definitions
3.4.1. SCM1271MF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Collector-to-Emitter Leakage
Current
ICES
VCE = 600 V, VIN = 0 V
—
—
1
mA
Collector-to-Emitter Saturation
Voltage
VCE(SAT)
IC = 10 A, VIN = 5 V
—
1.7
2.2
V
Diode Forward Voltage
VF
IF = 10 A, VIN = 0 V
—
1.7
2.2
V
High-side Switching
Diode Reverse Recovery Time
trr
VDC = 300 V, IC = 10 A,
VIN
= 0→5 V or 5→0 V,
Tj = 25 °C,
inductive load
—
100
—
ns
Turn-on Delay Time
td(on)
—
700
—
ns
Rise Time
tr
—
100
—
ns
Turn-off Delay Time
td(off)
—
1100
—
ns
Fall Time
tf
—
90
—
ns
Low-side Switching
Diode Reverse Recovery Time
trr
VDC = 300 V, IC = 10 A,
VIN
= 0→5 V or 5→0 V,
Tj = 25 °C,
inductive load
—
100
—
ns
Turn-on Delay Time
td(on)
—
700
—
ns
Rise Time
tr
—
120
—
ns
Turn-off Delay Time
td(off)
—
1000
—
ns
Fall Time
tf
—
100
—
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com