Electronic Components Datasheet Search
  English  ▼

X  

SCM1245MF Datasheet(PDF) 1 Page - Sanken electric

Part # SCM1245MF
Description  High Voltage, High Current 3-Phase Motor Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1245MF Datasheet(HTML) 1 Page - Sanken electric

  SCM1245MF Datasheet HTML 1Page - Sanken electric SCM1245MF Datasheet HTML 2Page - Sanken electric SCM1245MF Datasheet HTML 3Page - Sanken electric SCM1245MF Datasheet HTML 4Page - Sanken electric SCM1245MF Datasheet HTML 5Page - Sanken electric SCM1245MF Datasheet HTML 6Page - Sanken electric SCM1245MF Datasheet HTML 7Page - Sanken electric SCM1245MF Datasheet HTML 8Page - Sanken electric SCM1245MF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SANKEN ELECTRIC CO., LTD.
SCM1240M
Features and Benefits
▪ Each half-bridge circuit consists of a pre-driver circuit that
is completely independent from the others
▪ 10 to 30 A continuous output IPM in a small-footprint
package
▪ Protection against simultaneous high- and low-side turning on
▪ Bootstrap diodes with series resistors for suppressing
inrush current are incorporated
▪ CMOS compatible input (3.3 to 5 V)
▪ Designed to minimize simultaneous current through both
high- and low-side IGBTs by optimizing gate drive resistors
▪ Integrated Fast Recovery Diode (FRD) as freewheeling
diode for each IGBT
▪ UVLO protection with auto restart
▪ Thermal shutdown (TSD) with auto restart
▪ Fault (¯F¯¯¯O¯ indicator) signal output at protection activation:
UVLO (low side only), OCP, STP, and TSD
▪ Proprietary power DIP package
▪ UL Recognized Component (File No.: E118037)
High Voltage, High Current 3-Phase Motor Drivers
Functional Block Diagram
Packages: Power DIP
Not to scale
Fully molded
LF 2551
Heatsink pad
LF2552
Level
Shift
UV
Detect
Drive
Circuit
Drive
Circuit
Input Logic
O.C.
Protect
Thermal
Protect
UV
Detect
BootDi
RB
FRD
FRD
COM
LIN
HIN
VB
HS
VCC
LS
OCP
MIC
SCM1240M
FO
VBB
U,V,W
STP
One of three phases
Figure 1. Diagram of one of three phases in the device.
Description
The SCM1240M inverter power module (IPM) devices provide
a robust, highly-integrated solution for optimally controlling
3-phase motor power inverter systems and variable speed
control systems used in energy-conserving designs to drive
motors of residential and commercial appliances. These ICs
take 85 to 253 VAC input voltage, and 10 to 30 A (continuous)
output current. They can withstand voltages of up to 600 V
(IGBT breakdown voltage).
The high current SCM1240M employs a new, small-footprint
proprietary DIP package. The IC itself consists of all of the
necessary power elements (six IGBTs), pre-drive ICs (three),
and freewheeling diodes (six), needed to configure the main
circuit of an inverter, as well as a bootstrap circuit (three
bootstrap diodes and three boot resistors) as a high-side drive
power supply. This enables the main circuit of the inverter to
be configured with fewer external components than traditional
designs.
Applications include residential white goods (home appliances)
and commercial appliance motor control, such as:
▪ Air conditioner compressor motor
▪ Air conditioner fan motor
▪ Refrigerator compressor motor
▪ Washing machine main motor
http://www.sanken-ele.co.jp/en/
SCM1240MDS-Rev. 5


Similar Part No. - SCM1245MF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SCM1245MF SANKEN-SCM1245MF Datasheet
1Mb / 60P
500V / 600V High Voltage Three-phase Motor Driver ICs
More results

Similar Description - SCM1245MF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
High Voltage 3-Phase Motor Drivers
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SCM1240M ALLEGRO-SCM1240M Datasheet
448Kb / 18P
High Voltage, High Current 3-Phase Motor Drivers
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
High Voltage 3-Phase Motor Drivers
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
High Voltage 3-Phase Motor Drivers
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
High Voltage 3-Phase Motor Drivers
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com