Electronic Components Datasheet Search
  English  ▼

X  

RKZE Datasheet(PDF) 4 Page - Recom International Power

Part # RKZE
Description  2 Watt SIP7 Single and Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZE Datasheet(HTML) 4 Page - Recom International Power

  RKZE Datasheet HTML 1Page - Recom International Power RKZE Datasheet HTML 2Page - Recom International Power RKZE Datasheet HTML 3Page - Recom International Power RKZE Datasheet HTML 4Page - Recom International Power RKZE Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.recom-power.com
REV.: 0/2018
ECO-4
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RKZE
Series
Parameter
Condition
Value
MTBF
according to MIL-HDBK-217F, G.B.
+25°C
+80°C
18300 x 103 hours
8070 x 103 hours
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
95
110
100
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
Derating Graph
(@ Chamber and natural convection 0.1m/s)
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Audio/video, information and communication technology equipment.
Safety requirements
pending
EN62368-1
RoHs 2+
RoHs 10/10, 2011/65/EU + AM2015/863
EMC Compliance
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment –
Emission Requirements
pending
EN55032, Class A
EN55032, Class B
Information technology equipment - Radio disturbance
characteristics - Limits and methods of measurement
pending
EN55024
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
case
potting
black plastic, (UL94V-0)
epoxy, (UL94V-0)
Dimension (LxWxH)
19.65 x 7.05 x 10.20mm
Weight
2.8g typ.
continued on next page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com