Electronic Components Datasheet Search
  English  ▼

X  

MHT2000NR1 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MHT2000NR1
Description  RF LDMOS Integrated Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2000NR1 Datasheet(HTML) 1 Page - NXP Semiconductors

  MHT2000NR1 Datasheet HTML 1Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 2Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 3Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 4Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 5Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 6Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 7Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 8Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
MHT2000NR1 MHT2000GNR1
1
RF Device Data
Freescale Semiconductor, Inc.
RF LDMOS Integrated Power Amplifiers
Wideband integrated circuit is suitable for industrial heating applications
operating at 2450 MHz. This multi--stage structure is rated for 26 to 32 V
operation in both CW and pulse applications.
 Typical CW Performance: VDD =28 Vdc,IDQ1 =55 mA, IDQ2 = 195 mA,
Pout = 25 W CW, f = 2450 MHz
Power Gain — 27.7 dB
Power Added Efficiency — 43.8%
 Capable of Handling 10:1 VSWR, @ 28 Vdc, 2450 MHz, 25 W CW Output
Power
Features
 Multi--stage structure is rated for 26 to 32 V Operation
 Integrated Quiescent Current Temperature Compensation with
Enable/Disable Function (1)
 Integrated ESD Protection
 Excellent Thermal Stability
 225C Capable Plastic Package
 In Tape and Reel. R1 Suffix = 500 Units, 44 mm Tape Width, 13--inch Reel.
Figure 1. Functional Block Diagram
Quiescent Current
Temperature Compensation (1)
VDS1
RFin
VGS1
RFout/VDS2
VGS2
VDS1
(Top View)
Figure 2. Pin Connections
Note: Exposed backside of the package is
the source terminal for the transistors.
GND
NC
RFin
VGS1
GND
RFout/VDS2
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
VGS2
9
10
GND
11
VDS1
NC
NC
NC
VDS1
NC
NC
1. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current Control
for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf. Select Documentation/Application Notes -- AN1977 or AN1987.
MHT2000NR1
MHT2000GNR1
2450 MHz, 25 W CW, 28 V
INDUSTRIAL HEATING, RUGGED
RF LDMOS INTEGRATED
POWER AMPLIFIERS
TO--270WB--16
PLASTIC
MHT2000NR1
TO--270WBG--16
PLASTIC
MHT2000GNR1
Document Number: MHT2000N
Rev. 0, 5/2014
Freescale Semiconductor
Technical Data
 Freescale Semiconductor, Inc., 2014. All rights reserved.


Similar Part No. - MHT2000NR1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MHT2012N NXP-MHT2012N Datasheet
439Kb / 14P
RF LDMOS Integrated Power Amplifier
Rev. 0, 07/2018
logo
Lite-On Technology Corp...
MHT2020AT LITEON-MHT2020AT Datasheet
710Kb / 2P
MHT-AT Series 4,200 RPM, Ultra ATA/100 2.5-Inch Mobile Drives
MHT2030AT LITEON-MHT2030AT Datasheet
710Kb / 2P
MHT-AT Series 4,200 RPM, Ultra ATA/100 2.5-Inch Mobile Drives
MHT2040AT LITEON-MHT2040AT Datasheet
710Kb / 2P
MHT-AT Series 4,200 RPM, Ultra ATA/100 2.5-Inch Mobile Drives
MHT2060AT LITEON-MHT2060AT Datasheet
710Kb / 2P
MHT-AT Series 4,200 RPM, Ultra ATA/100 2.5-Inch Mobile Drives
More results

Similar Description - MHT2000NR1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2020MBR1 MOTOROLA-MW4IC2020MBR1 Datasheet
582Kb / 12P
RF LDMOS Wideband Integrated Power Amplifiers
MW5IC2030MBR1 MOTOROLA-MW5IC2030MBR1 Datasheet
627Kb / 12P
RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW6IC2240N FREESCALE-MW6IC2240N Datasheet
485Kb / 16P
RF LDMOS Wideband Integrated Power Amplifiers
MW5IC2030NBR1_065 FREESCALE-MW5IC2030NBR1_065 Datasheet
665Kb / 20P
RF LDMOS Wideband Integrated Power Amplifiers
MW4IC915NBR1 FREESCALE-MW4IC915NBR1_06 Datasheet
686Kb / 20P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1 Datasheet
814Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC21100N FREESCALE-MD7IC21100N Datasheet
835Kb / 22P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC2050NR1 FREESCALE-MD7IC2050NR1_10 Datasheet
428Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MD8IC970NR1 FREESCALE-MD8IC970NR1_1 Datasheet
512Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
AFIC31025N NXP-AFIC31025N Datasheet
354Kb / 12P
RF LDMOS Integrated Power Amplifiers
Rev. 0, 10/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com