Electronic Components Datasheet Search
  English  ▼

X  

AD9508BCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9508BCPZ
Description  1.65 GHz Clock Fanout Buffer
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9508BCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9508BCPZ Datasheet HTML 1Page - Analog Devices AD9508BCPZ Datasheet HTML 2Page - Analog Devices AD9508BCPZ Datasheet HTML 3Page - Analog Devices AD9508BCPZ Datasheet HTML 4Page - Analog Devices AD9508BCPZ Datasheet HTML 5Page - Analog Devices AD9508BCPZ Datasheet HTML 6Page - Analog Devices AD9508BCPZ Datasheet HTML 7Page - Analog Devices AD9508BCPZ Datasheet HTML 8Page - Analog Devices AD9508BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
AD9508
Data Sheet
Rev. G | Page 4 of 40
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Typical values are given for VS = 3.3 V and 2.5 V and TA = 25°C; minimum and maximum values are given over the full VDD = 3.3 V + 5% down
to 2.5 V − 5% and TA = −40°C to +85°C variation; and input slew rate > 1 V/ns, unless otherwise noted.
POWER SUPPLY CURRENT AND TEMPERATURE CONDITIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
2.375
2.5
3.465
V
Use supply voltage setting (2.5 V or 3.3 V) and
appropriate current consumption configuration
(see Current Consumption parameters in Table 1)
to calculate total power dissipation
CURRENT CONSUMPTION
LVDS Configuration
165
182
mA
Input clock: 1500 MHz in differential mode, all
LVDS output drivers at 1500 MHz
122
134
mA
Input clock: 800 MHz in differential mode, all
LVDS output drivers at 200 MHz
HSTL Configuration
194
213
mA
Input clock: 1500 MHz in differential mode, all
HSTL output drivers at 1500 MHz
131
144
mA
Input clock: 491.52 MHz in differential mode, all
output drivers at 491.52 MHz
92
101
mA
Input clock: 122.88 MHz in differential mode, all
output drivers at 122.88 MHz
CMOS Configuration
141
185
mA
Input clock: 1500 MHz in differential mode, all
CMOS output drivers at 250 MHz, 10 pF load
122
134
mA
Input clock: 800 MHz in differential mode, all
CMOS outputs drivers at 200 MHz, 10 pF load
85
94
mA
Input clock: 100 MHz in differential mode, all
CMOS outputs drivers at 100 MHz, 10 pF load
Full Power-Down
6
10
mA
TEMPERATURE
Ambient Temperature Range, TA
−40
+25
+85
°C
Junction Temperature, TJ
115
°C
Junction temperatures above 115°C can
degrade performance but no damage should
occur, unless the absolute temperature is
exceeded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com