Electronic Components Datasheet Search
  English  ▼

X  

ADCLK950BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADCLK950BCPZ
Description  Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK950BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCLK950BCPZ Datasheet HTML 4Page - Analog Devices ADCLK950BCPZ Datasheet HTML 5Page - Analog Devices ADCLK950BCPZ Datasheet HTML 6Page - Analog Devices ADCLK950BCPZ Datasheet HTML 7Page - Analog Devices ADCLK950BCPZ Datasheet HTML 8Page - Analog Devices ADCLK950BCPZ Datasheet HTML 9Page - Analog Devices ADCLK950BCPZ Datasheet HTML 10Page - Analog Devices ADCLK950BCPZ Datasheet HTML 11Page - Analog Devices ADCLK950BCPZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADCLK950
Rev. B | Page 9 of 12
FUNCTIONAL DESCRIPTION
CLOCK INPUTS
The ADCLK950 accepts a differential clock input from one of
two inputs and distributes the selected clock to all 10 LVPECL
outputs. The maximum specified frequency is the point at which
the output voltage swing is 50% of the standard LVPECL swing
(see Figure 4). See the functional block diagram (Figure 1) and
the General Description section for more clock input details.
See Figure 19 through Figure 23 for various clock input
termination schemes.
Output jitter performance is degraded by an input slew rate
below 4 V/ns, as shown in Figure 12. The ADCLK950 is
specifically designed to minimize added random jitter over a
wide input slew rate range. Whenever possible, clamp excessively
large input signals with fast Schottky diodes because attenuators
reduce the slew rate. Input signal runs of more than a few
centimeters should be over low loss dielectrics or cables with
good high frequency characteristics.
CLOCK OUTPUTS
The specified performance necessitates using proper transmission
line terminations. The LVPECL outputs of the ADCLK950 are
designed to directly drive 800 mV into a 50 Ω cable or into
microstrip/stripline transmission lines terminated with 50 Ω
referenced to V
CC − 2 V, as shown in Figure 14. The LVPECL
output stage is shown in Figure 13. The outputs are designed for
best transmission line matching. If high speed signals must be
routed more than a centimeter, either the microstrip or the
stripline technique is required to ensure proper transition times
and to prevent excessive output ringing and pulse width depen-
dent propagation delay dispersion.
VEE
VCC
Qx
Qx
Figure 13. Simplified Schematic Diagram of the LVPECL Output Stage
Figure 14 through Figure 17 depict various LVPECL output
termination schemes. When dc-coupled, V
S of the receiving buffer
should match VS_DRV.
Thevenin-equivalent termination uses a resistor network to
provide 50 Ω termination to a dc voltage that is below V
OL of
the LVPECL driver. In this case, VS_DRV on the ADCLK950
should equal V
S of the receiving buffer. Although the resistor
combination shown (in Figure 15) results in a dc bias point of
VS_DRV − 2 V, the actual common-mode voltage is VS_DRV −
1.3 V because there is additional current flowing from the
ADCLK950 LVPECL driver through the pull-down resistor.
LVPECL Y-termination is an elegant termination scheme that
uses the fewest components and offers both odd- and even-mode
impedance matching. Even-mode impedance matching is an
important consideration for closely coupled transmission lines
at high frequencies. Its main drawback is that it offers limited
flexibility for varying the drive strength of the emitter follower
LVPECL driver. This can be an important consideration when
driving long trace lengths but is usually not an issue.
VS_DRV
Z0 = 50Ω
VS = VS_DRV
LVPECL
50Ω
VCC – 2V
50Ω
Z0 = 50Ω
ADCLK950
Figure 14. DC-Coupled, 3.3 V LVPECL
VS_DRV
50Ω
50Ω
SINGLE-ENDED
(NOT COUPLED)
VS
VS_DRV
LVPECL
127Ω
127Ω
83Ω
83Ω
ADCLK950
Figure 15. DC-Coupled, 3.3 V LVPECL Far-End Thevenin Termination
VS_DRV
Z0 = 50Ω
VS = VS_DRV
LVPECL
50Ω
50Ω
50Ω
Z0 = 50Ω
ADCLK950
Figure 16. DC-Coupled, 3.3 V LVPECL Y-Termination
VS_DRV
100Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VS
LVPECL
100Ω
0.1nF
0.1nF
200Ω
200Ω
ADCLK950
Figure 17. AC-Coupled, LVPECL with Parallel Transmission Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com