Electronic Components Datasheet Search
  English  ▼

X  

MMPF0200F3AEP Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MMPF0200F3AEP
Description  12 channel configurable power management integrated circuit
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0200F3AEP Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MMPF0200F3AEP Datasheet HTML 23Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 24Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 25Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 26Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 27Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 28Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 29Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 30Page - NXP Semiconductors MMPF0200F3AEP Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 114 page
background image
NXP Semiconductors
27
PF0200
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
A product may be designed to go into a Low-power mode after periods of inactivity. The STANDBY pin is provided for board level control
of going in and out of such deep sleep modes (DSM).
When a product is in DSM, it may be able to reduce the overall platform current by lowering the regulator output voltage, changing the
operating mode of the regulators or disabling some regulators. The configuration of the regulators in Standby is pre-programmed through
the I2C interface.
Note that the STANDBY pin is programmable for Active High or Active Low polarity, and that decoding of a Standby event will take into
account the programmed input polarity as shown in Table 21. When the PF0200 is powered up first, regulator settings for the Standby
mode are mirrored from the regulator settings for the ON mode. To change the STANDBY pin polarity to Active Low, set the STANDBYINV
bit via software first, and then change the regulator settings for Standby mode as required. For simplicity, STANDBY will generally be
referred to as active high throughout this document.
Since STANDBY pin activity is driven asynchronously to the system, a finite time is required for the internal logic to qualify and respond
to the pin level changes. A programmable delay is provided to hold off the system response to a Standby event. This allows the processor
and peripherals some time after a standby instruction has been received to terminate processes to facilitate seamless entering into
Standby mode.
When enabled (STBYDLY = 01, 10, or 11) per Table 22, STBYDLY will delay the Standby initiated response for the entire IC, until the
STBYDLY counter expires. An allowance should be made for three additional 32 k cycles required to synchronize the Standby event.
6.4.1.4
Sleep mode
• Depending on PWRON pin configuration, Sleep mode is entered when PWRON is de-asserted and SWxOMODE bit is set.
• To exit Sleep mode, assert the PWRON pin.
In the Sleep mode, the regulator will use the set point as programmed by SW1ABOFF[5:0] for SW1A/B and by SWxOFF[6:0] for SW2 and
SW3A/B. The activated regulators will maintain settings for this mode and voltage until the next turn-on event. Table 23 shows the control
bits in Sleep mode. During Sleep mode, interrupts are active and the INTB pin will report any unmasked fault event.
Table 21. Standby Pin and polarity control
STANDBY (Pin)(33)
STANDBYINV (I2C bit)(34)
STANDBY Control (32)
00
0
01
1
10
1
11
0
Notes
32.
STANDBY = 0: System is not in Standby, STANDBY = 1: System is in Standby
33.
The state of the STANDBY pin only has influence in On mode.
34.
Bit 6 in Power Control Register (ADDR - 0x1B)
Table 22. STANDBY delay - initiated response
STBYDLY[1:0](35)
Function
00
No Delay
01
One 32 k period (default)
10
Two 32 k periods
11
Three 32 k periods
Notes
35.
Bits [5:4] in Power Control Register (ADDR - 0x1B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com