Electronic Components Datasheet Search
  English  ▼

X  

6032471 Datasheet(PDF) 2 Page - SICK AG

Part # 6032471
Description  SAFETY CONTROLLERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6032471 Datasheet(HTML) 2 Page - SICK AG

  6032471 Datasheet HTML 1Page - SICK AG 6032471 Datasheet HTML 2Page - SICK AG 6032471 Datasheet HTML 3Page - SICK AG 6032471 Datasheet HTML 4Page - SICK AG 6032471 Datasheet HTML 5Page - SICK AG 6032471 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UE410-XU3T50 | Flexi Classic
SAFETY CONTROLLERS
Illustration may differ
Ordering information
Type
Part no.
UE410-XU3T50
6032471
Other models and accessories
www.sick.com/Flexi_Classic
Detailed technical data
Features
Module
I/O module
Configuration method
Via rotary switch
Safety-related parameters
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
2.5 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Functions
Restart interlock
Manual / automatic (configurable)
External device monitoring (EDM)
✔
AND operation
✔
OR operation
✔
Bypass
✔
Differentiation between man and material
(muting)
✔
Interfaces
Inputs
4 safety inputs
4 switching inputs
Number of muting sensors
0 / 2
Outputs
4 safety outputs
2 test outputs
Delay time (outputs Q3/Q4)
0 s ... 50 s
2
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
Online data sheet | 2018-09-17 16:53:32
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com