Electronic Components Datasheet Search
  English  ▼

X  

STK4161II Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # STK4161II
Description  2-CHANNEL AF POWER AMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK4161II Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  STK4161II Datasheet HTML 1Page - List of Unclassifed Manufacturers STK4161II Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - STK4161II

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK4161 SANYO-STK4161 Datasheet
150Kb / 2P
2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
STK4161V SANYO-STK4161V Datasheet
119Kb / 1P
2-CHANNEL 6W MIN TO 50W MIN AF POWER AMP (DUAL-SUPPLY)
STK4161X SANYO-STK4161X Datasheet
150Kb / 2P
2ch./1packge, - Power Supply Built-in Muting Circuit 25W/ch. ~ 70W/ch. THD=0.02%???
More results

Similar Description - STK4161II

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4192 SANYO-LA4192 Datasheet
355Kb / 11P
1 to 2.3W 2-Channel af Power Amp
LA4446 SANYO-LA4446 Datasheet
178Kb / 7P
5.5W 2-Channel AF Power Amp
LA4558 SANYO-LA4558 Datasheet
282Kb / 8P
2-Channel AF Power Amp
STK4171X SANYO-STK4171X Datasheet
72Kb / 3P
2-Channel AF Power Amp
STK4273 SANYO-STK4273 Datasheet
133Kb / 3P
2 Channel AF Power Amp
STK4893 SANYO-STK4893 Datasheet
111Kb / 2P
40W 2 CHANNEL AF POWER AMP
STK463 SANYO-STK463 Datasheet
46Kb / 1P
2 POWER 2 CHANNEL 10 to 30W min AF POWER AMP
LA4125 SANYO-LA4125 Datasheet
85Kb / 1P
2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
LA4126 SANYO-LA4126 Datasheet
143Kb / 1P
2-CHANNEL AF POWER AMP, FOR RADIO, TAPE RECORDER
LA4180 SANYO-LA4180 Datasheet
56Kb / 1P
2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com