Electronic Components Datasheet Search
  English  ▼

X  

2709354 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2709354
Description  Side element, with foot, low-profile version, right-hand, for 73 mm wide U-shaped cover.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2709354 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2709354 Datasheet HTML 1Page - PHOENIX CONTACT 2709354 Datasheet HTML 2Page - PHOENIX CONTACT 2709354 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/produkte/2709354
26.06.2013   Page 1 / 3
Electronic housing - UM108 N-SEFE/R-A73 - 2709354
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Side element, with foot, low-profile version, right-hand, for 73 mm wide U-shaped cover.
 
Key commercial data
Packing unit
1 PCE
Minimum order quantity
10 PCE
GTIN
Custom tariff number
39269097
Country of origin
POLAND
Technical data
General
Housing type
Side cover
Housing material
PA
Color
green
Technical data
Inflammability class according to UL 94
V0
Classifications
ETIM
ETIM 2.0
EC001031
ETIM 3.0
EC001031
ETIM 4.0
EC001031
ETIM 5.0
EC000721


Similar Part No. - 2709354

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2709367 PHOENIX-2709367 Datasheet
60Kb / 3P
Side element, with foot, low-profile version, left-hand, for 73 mm wide U-shaped cover.
2709370 PHOENIX-2709370 Datasheet
88Kb / 3P
Side element with foot, low-profile design, left, for 73 mm wide Ushaped cover, with PE contact to the DIN rail.
2709383 PHOENIX-2709383 Datasheet
60Kb / 3P
Side element, without foot, low-profile version, for 73 mm wide U-shaped cover.
logo
Weidmuller
2709390000 WEIDMULLER-2709390000 Datasheet
628Kb / 8P
B2CF 3.50/18/180LR SN OR BX LRP
More results

Similar Description - 2709354

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2709367 PHOENIX-2709367 Datasheet
60Kb / 3P
Side element, with foot, low-profile version, left-hand, for 73 mm wide U-shaped cover.
2709383 PHOENIX-2709383 Datasheet
60Kb / 3P
Side element, without foot, low-profile version, for 73 mm wide U-shaped cover.
2906500 PHOENIX-2906500 Datasheet
120Kb / 3P
Side element with foot, tall design, left-hand, for 60 mm wide U-shaped cover, with PE contact to the DIN rail.
2955616 PHOENIX-2955616 Datasheet
140Kb / 3P
Side element, tall version, for closing both ends of the base element UM-BEFE, for 60 mm wide U-shaped profile cover
2959706 PHOENIX-2959706 Datasheet
122Kb / 3P
Side element, with foot, tall version, right-hand, for 60 mm wide U-shaped cover.
2959719 PHOENIX-2959719 Datasheet
59Kb / 3P
Side element, with foot, tall version, right-hand, for 73 mm wide U-shaped cover.
2959722 PHOENIX-2959722 Datasheet
121Kb / 3P
Side element, with foot, tall version, left-hand, for 60 mm wide U-shaped cover.
2959748 PHOENIX-2959748 Datasheet
55Kb / 3P
Side element, without foot, tall version, for 60 mm wide U-shaped cover.
2959751 PHOENIX-2959751 Datasheet
117Kb / 3P
Side element, without foot, tall version, for 73 mm wide U-shaped cover.
2962256 PHOENIX-2962256 Datasheet
69Kb / 2P
Side element, low-profile version, for 73 mm wide U-shaped cover
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com