Electronic Components Datasheet Search
  English  ▼

X  

2SD613P Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SD613P
Description  85V/6A,AF 35 to 45W Output Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD613P Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SD613P Datasheet HTML 1Page - Sanyo Semicon Device 2SD613P Datasheet HTML 2Page - Sanyo Semicon Device 2SD613P Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 2SD613P

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD613 MOSPEC-2SD613 Datasheet
132Kb / 3P
POWER TRANSISTORS(6A,85V,40W)
logo
Wing Shing Computer Com...
2SD613 WINGS-2SD613 Datasheet
69Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Sanyo Semicon Device
2SD613 SANYO-2SD613 Datasheet
91Kb / 3P
85V/6A, AF 25 to 35W Output Applications?
logo
Inchange Semiconductor ...
2SD613 ISC-2SD613 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD613 SAVANTIC-2SD613 Datasheet
101Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD613P

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD613 MOSPEC-2SD613 Datasheet
132Kb / 3P
POWER TRANSISTORS(6A,85V,40W)
logo
Sanyo Semicon Device
2SB633 SANYO-2SB633 Datasheet
91Kb / 3P
85V/6A, AF 25 to 35W Output Applications?
2SB775 SANYO-2SB775 Datasheet
95Kb / 3P
85V/6A, AF 35W Output Applications???
2SB817 SANYO-2SB817 Datasheet
116Kb / 4P
140V/12A, AF 60W Output Applications??????
STK4182II SANYO-STK4182II Datasheet
252Kb / 8P
AF Power Amplifier (Split Power Supply) (45W 45W min, THD = 0.4%)
logo
NEC
UPC2500A NEC-UPC2500A Datasheet
697Kb / 11P
45W AF POWER AMPLIFIER
logo
Sanyo Semicon Device
2SD2639 SANYO-2SD2639 Datasheet
29Kb / 4P
140V / 12A, AF 60W Output Applications
2SB817C SANYO-2SB817C Datasheet
450Kb / 2P
140V / 12A, AF 80W Output Applications
2SD1047 SANYO-2SD1047 Datasheet
127Kb / 4P
140V/12A AF 60W Output Applications
2SB776 SANYO-2SB776_V01 Datasheet
128Kb / 4P
100V/7A, AF 40W Output Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com