| Electronic Components Datasheet Search |
|
501MILF Datasheet(PDF) 8 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
501MILF Datasheet(HTML) 8 Page - Integrated Device Technology |
|
8 / 9 page ![]() ICS501 LOCO™ PLL CLOCK MULTIPLIER CLOCK MULTIPLIER IDT™ / ICS™ LOCO™ PLL CLOCK MULTIPLIER 8 ICS501 REV S 20170331 Ordering Information "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. Part / Order Number Marking Shipping Packaging Package Temperature 501MLF 501MLF Tubes 8-pin SOIC 0 to +70 C 501MLFT 501MLF Tape and Reel 8-pin SOIC 0 to +70 C 501MILF 501MILF Tubes 8-pin SOIC -40 to +85C 501MILFT 501MILF Tape and Reel 8-pin SOIC -40 to +85C 501GLF 01GL Tubes 8-pin MSOP 0 to +70 C 501GLFT 01GL Tape and Reel 8-pin MSOP 0 to +70 C 501GILF 1GIL Tubes 8-pin MSOP -40 to +85C 501GILFT 1GIL Tape and Reel 8-pin MSOP -40 to +85C 501-DWF - Die on uncut, probed wafers 0 to +70 C 501-DPK - Tested die in waffle pack 0 to +70 C 501E-DPK - Tested die in waffle pack 0 to +70 C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |