Electronic Components Datasheet Search
  English  ▼

X  

2SB1237 Datasheet(PDF) 1 Page - Rohm

Part # 2SB1237
Description  Epitaxial Planar PNP Silicon Translstors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1237 Datasheet(HTML) 1 Page - Rohm

  2SB1237 Datasheet HTML 1Page - Rohm 2SB1237 Datasheet HTML 2Page - Rohm 2SB1237 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This Material Copyrighted By Its Respective Manufacturer


Similar Part No. - 2SB1237

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1237 ROHM-2SB1237 Datasheet
128Kb / 4P
Medium Power Transistor
2SB1237 ROHM-2SB1237 Datasheet
79Kb / 5P
Medium Power Transistor (−32V,−1A)
2SB1237 ROHM-2SB1237 Datasheet
149Kb / 4P
Medium Power Transistor (-32V,-1A)
2SB1237 ROHM-2SB1237 Datasheet
179Kb / 5P
Medium Power Transistor (-32V, -1A)
logo
Foshan Blue Rocket Elec...
2SB1237 FOSHAN-2SB1237 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package
More results

Similar Description - 2SB1237

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA900 PANASONIC-2SA900 Datasheet
90Kb / 2P
SILICON PNP EPITAXIAL PLANAR
2SA887 PANASONIC-2SA887 Datasheet
121Kb / 3P
SILICON PNP EPITAXIAL PLANAR
logo
Sanken electric
2SA771 SANKEN-2SA771 Datasheet
236Kb / 2P
SILICON PNP EPITAXIAL PLANAR
2SA1489 SANKEN-2SA1489 Datasheet
200Kb / 2P
SILICON PNP EPITAXIAL PLANAR
logo
Rohm
2SB851 ROHM-2SB851 Datasheet
114Kb / 3P
Epitaxial Planar PNP Silicon Translstors
2SB910M ROHM-2SB910M Datasheet
111Kb / 3P
Epitaxial Planar PNP Silicon Translstors
logo
Guangdong Kexin Industr...
2SB1571 KEXIN-2SB1571 Datasheet
52Kb / 2P
Silicon PNP Epitaxial Planar
2SB1572 KEXIN-2SB1572 Datasheet
53Kb / 2P
Silicon PNP Epitaxial Planar
2SA1766 KEXIN-2SA1766 Datasheet
50Kb / 1P
PNP Epitaxial Planar Silicon
2SA1730 KEXIN-2SA1730 Datasheet
57Kb / 2P
PNP Epitaxial Planar Silicon
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com