Electronic Components Datasheet Search
  English  ▼

X  

ES1CBF Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ES1CBF
Description  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES1CBF Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES1CBF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES1CBF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. ES1CBF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage – 50 to 600 V
Forward Current – 1 A
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SMBF and symbol
MECHANICAL DATA
•
• Terminals: Solderable per MIL-STD-750, Method 2026
•
pprox. Weight: 57mg / 0.002oz
Case: SMBF
A
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Forward Voltage at 1 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at TL = 100
°C
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
Typical Junction Capacitance
at V =4V, f=1MHz
R
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
T , T
j
stg
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
V
1
30
1
5
100
15
35
-55 ~ +150
A
A
V
μA
ns
°C
Symbols
Ratings at
ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductiv
oad. For capacitive load, derate current by 20%.
25
°C
Absolute Maximum Ratings and Characteristics
Maximum Reverse Recovery Time
trr
pF
ES1ABF
ES1BBF
ES1CBF
ES1DBF
ES1EBF
ES1GBF
ES1JBF
Units
50
100
150
200
300
400
600
1.25
1.65
FEATURES
For surface mounted applications
• Low profile package
• Glass Passivated Chip Junction
• Superfast reverse recovery time
• Lead free in comply with EU RoHS 2011/65/EU directives
•
Typical Thermal Resistance
RθJA
75
°C/W
2)
1)
1
2
2
)
1
)Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
2
P.C.B. mounted with 0.5 X 0.5" (12.7 X 12.7 mm ) copper pad areas.
e
l
ES1ABF THRU ES1JBF
Surface Mount Superfast Rectifiers
http://www.trr-jx.com
version: 02


Similar Part No. - ES1CBF

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
ES1CBF YFWDIODE-ES1CBF Datasheet
90Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Xian Semipower Electron...
ES1CBF SEMIPOWER-ES1CBF Datasheet
129Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Dongguan Pingjingsemi T...
ES1CBF-PJ PJSEMI-ES1CBF-PJ Datasheet
666Kb / 3P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ES1CBF

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ES3A_DO-214AA JUXING-ES3A_DO-214AA Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES2A JUXING-ES2A Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
DHE0.5A JUXING-DHE0.5A_17 Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES3ABF JUXING-ES3ABF Datasheet
771Kb / 3P
Surface Mount Superfast Rectifiers
ES5A JUXING-ES5A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES5ABF JUXING-ES5ABF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES8AP JUXING-ES8AP Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES1A JUXING-ES1A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES2AF JUXING-ES2AF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
DSK1B LEIDITECH-DSK1B Datasheet
393Kb / 3P
Surface Mount Superfast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com