Electronic Components Datasheet Search
  English  ▼

X  

DSR2G Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # DSR2G
Description  Surface Mount Standard Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

DSR2G Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  DSR2G Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. DSR2G Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. DSR2G Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.trr-jx.com
version: 02
0.5
0.6
0.8
0.9
1.0
1.1
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
0.7
2.0
1.0
1.5
Fig.2 Typical Instaneous Reverse
Characteristics
200
400
600
800
0
0.01
0.1
1.0
10
Instaneous Reverse Voltage (V)
100
T =25
J
°C
T =50
J
°C
T =75
J
°C
T =100
J
°C
T =125
J
°C
T =150
J
°C
25
50
75
100
125
150
175
Single phase half-wave 60 Hz
resistive or inductive load
Fig.1 Forward Current Derating Curve
0.5
1.0
1.5
2.0
2.5
0.0
Fig.4 Typical Junction Capacitance
1.0
10
100
0.1
1
10
100
Reverse Voltage (V)
T =25
J
°C
Characteristic Curves (TA=25 ℃ unless otherwise noted)
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
10
20
30
40
50
60
00
Surface Mount Standard Rectifiers
DSR2A THRU DSR2M
Case Temperature (
°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com