Electronic Components Datasheet Search
  English  ▼

X  

AD9528BCPZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9528BCPZ
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528BCPZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9528BCPZ Datasheet HTML 32Page - Analog Devices AD9528BCPZ Datasheet HTML 33Page - Analog Devices AD9528BCPZ Datasheet HTML 34Page - Analog Devices AD9528BCPZ Datasheet HTML 35Page - Analog Devices AD9528BCPZ Datasheet HTML 36Page - Analog Devices AD9528BCPZ Datasheet HTML 37Page - Analog Devices AD9528BCPZ Datasheet HTML 38Page - Analog Devices AD9528BCPZ Datasheet HTML 39Page - Analog Devices AD9528BCPZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
AD9528
Data Sheet
Rev. D | Page 36 of 67
Communication Cycle—Instruction Plus Data
The unified SPI protocol consists of a two-part communication
cycle. The first part is a 16-bit instruction word that is coincident
with the first 16 SCLK rising edges and a payload. The instruction
word provides the AD9528 serial control port with information
regarding the payload. The instruction word includes the R/W bit
that indicates the direction of the payload transfer (that is, a
read or write operation). The instruction word also indicates
the starting register address of the first payload byte.
Write
If the instruction word indicates a write operation, the payload
is written into the serial control port buffer of the AD9528.
Data bits are registered on the rising edge of SCLK. Generally, it
does not matter what data is written to blank registers; however,
it is customary to use 0s. Note that there may be reserved registers
with default values not equal to 0x00; however, every effort was
made to avoid this.
Most of the serial port registers are buffered and data written
into these buffered registers does not take effect immediately.
An additional operation is needed to transfer buffered serial
control port contents to the registers that actually control the
device. This transfer is accomplished with an IO_UPDATE
operation, which is performed in one of two ways. One method
is to write a Logic 1 to Register 0x000F, Bit 0 (this bit is an
autoclearing bit). The user can change as many register bits as
desired before executing an IO_UPDATE. The IO_UPDATE
operation transfers the buffer register contents to their active
register counterparts.
Read
If the instruction word indicates a read operation, the next
N × 8 SCLK cycles clock out the data starting from the address
specified in the instruction word. N is the number of data bytes
read. The readback data is driven to the pin on the falling edge
and must be latched on the rising edge of SCLK. Blank registers
are not skipped over during readback.
A readback operation takes data from either the serial control
port buffer registers or the active registers, as determined by
Register 0x0001, Bit 5.
SPI Instruction Word (16 Bits)
The MSB of the 16-bit instruction word is R/W, which indicates
whether the instruction is a read or a write. The next 15 bits are
the register address (A14 to A0), which indicates the starting
register address of the read/write operation (see Table 26). Note
that A14 and A13 are ignored and treated as zeros in the
AD9528 because there are no registers that require more than
13 address bits.
SPI MSB-/LSB-First Transfers
The AD9528 instruction word and payload can be MSB first or
LSB first. The default for the AD9528 is MSB first. The LSB first
mode can be set by writing a 1 to Register 0x0000, Bit 1 and Bit 6.
Immediately after the LSB first bit is set, subsequent serial control
port operations are LSB first.
Address Ascension
If the address ascension bits (Register 0x0000, Bit 2 and Bit 5)
are zero, the serial control port register address decrements
from the specified starting address toward Address 0x0000.
If the address ascension bits (Register 0x0000, Bit 2 and Bit 5)
are one, the serial control port register address increments from
the starting address toward Address 0x1FFF. Reserved addresses
are not skipped during multibyte input/output operations;
therefore, write the default value to a reserved register and 0s to
unmapped registers. Note that it is more efficient to issue a new
write command than to write the default value to more than
two consecutive reserved (or unmapped) registers.
Table 25. Streaming Mode (No Addresses Skipped)
Address Ascension
Stop Sequence
Increment
0x0000…0x1FFF
Decrement
0x1FFF…0x0000
Table 26. Serial Control Port, 16-Bit Instruction Word
MSB
LSB
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
R/W
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
CS
SCLK DON'T CARE
SDIO
A12
A13
A14
R/W
A11 A10 A9 A8
A7
A6 A5
A4 A3 A2
A1 A0
D7 D6 D5
D4 D3
D2 D1
D0
D7
D6 D5
D4 D3 D2
D1 D0
DON'T CARE
DON'T CARE
DON'T CARE
16-BIT INSTRUCTION HEADER
REGISTER (N) DATA
REGISTER (N – 1) DATA
Figure 40. Serial Control Port Write—MSB First, Address Decrement, Two Bytes of Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com