Electronic Components Datasheet Search
  English  ▼

X  

AD9552 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9552
Description  Oscillator Frequency Upconverter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9552 Datasheet(HTML) 5 Page - Analog Devices

  AD9552 Datasheet HTML 1Page - Analog Devices AD9552 Datasheet HTML 2Page - Analog Devices AD9552 Datasheet HTML 3Page - Analog Devices AD9552 Datasheet HTML 4Page - Analog Devices AD9552 Datasheet HTML 5Page - Analog Devices AD9552 Datasheet HTML 6Page - Analog Devices AD9552 Datasheet HTML 7Page - Analog Devices AD9552 Datasheet HTML 8Page - Analog Devices AD9552 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD9552
Rev. E | Page 5 of 32
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVDS MODE
Differential Output Voltage Swing
Balanced, V
OD
247
454
mV
Voltage swing between output pins;
output driver static
Unbalanced, ΔV
OD
25
mV
Absolute difference between voltage
swing of normal pin and inverted pin;
output driver static
Offset Voltage
Common Mode, V
OS
1.125
1.375
V
Output driver static
Common-Mode Difference, ΔV
OS
25
mV
Voltage difference between output pins;
output driver static
Short-Circuit Output Current
17
24
mA
Frequency Range
0
900
MHz
Duty Cycle
40
60
%
Up to 805 MHz output frequency
Rise/Fall Time1 (20% to 80%)
285
355
ps
100 Ω termination between both pins of
the output driver
CMOS MODE
Output Voltage High, V
OH
Output driver static; standard drive
strength setting
I
OH = 10 mA
2.8
V
I
OH = 1 mA
2.8
V
Output Voltage Low, V
OL
Output driver static; standard drive
strength setting
I
OL = 10 mA
0.5
V
I
OL = 1 mA
0.3
V
Frequency Range
0
200
MHz
3.3 V CMOS; standard drive strength
setting
Duty Cycle
45
55
%
At maximum output frequency
Rise/Fall Time1 (20% to 80%)
500
745
ps
3.3 V CMOS; standard drive strength
setting; 15 pF load
1 The listed values are for the slower edge (rise or fall).
JITTER CHARACTERISTICS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
JITTER GENERATION
Input = 19.44 MHz crystal resonator
12 kHz to 20 MHz
0.64
ps rms
f
OUT = 622.08 MHz (integer mode)
0.70
ps rms
f
OUT = 625 MHz (fractional mode)
50 kHz to 80 MHz
0.47
ps rms
f
OUT = 622.08 MHz (integer mode)
0.50
ps rms
f
OUT = 625 MHz (fractional mode)
4 MHz to 80 MHz
0.11
ps rms
f
OUT = 622.08 MHz (integer mode)
0.12
ps rms
f
OUT = 625 MHz (fractional mode)
JITTER TRANSFER BANDWIDTH
100
kHz
See the Typical Performance Characteristics section
JITTER TRANSFER PEAKING
0.3
dB
See the Typical Performance Characteristics section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com