Electronic Components Datasheet Search
  English  ▼

X  

IE09150PC Datasheet(PDF) 2 Page - RFHIC

Part # IE09150PC
Description  GaN Power Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

IE09150PC Datasheet(HTML) 2 Page - RFHIC

  IE09150PC Datasheet HTML 1Page - RFHIC IE09150PC Datasheet HTML 2Page - RFHIC IE09150PC Datasheet HTML 3Page - RFHIC IE09150PC Datasheet HTML 4Page - RFHIC IE09150PC Datasheet HTML 5Page - RFHIC IE09150PC Datasheet HTML 6Page - RFHIC IE09150PC Datasheet HTML 7Page - RFHIC IE09150PC Datasheet HTML 8Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary
GaN Power Transistors
IE09150PC
Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 8
Version 0.1
Electrical Characteristics (Tc=25
℃ unless otherwise noted)
Characteristics
Conditions
Symbol
Min
Typ
Max
Unit
DC Characteristics*1
Gate Threshold Voltage
VDS = 10V
VGS(TH)
-3.8
-3.0
-2.3
VDC
ID = 21.6mA
Gate Quiescent Voltage
VDS = 50V
VGS(Q)
-
-3.2
-
VDC
ID = 50mA
Saturated Drain Current*2
VDS = 6V
IDS
18.0
21.6
-
A
VGS = 2V
Drain-Source Breakdown Voltage
VGS = -8V
VBR
150
-
-
V
ID = 21.6mA
Gate Leakage Current
VGS = -8V
IGLKG
-4.8
-
-
mA
VDS = 120V
Drain Leakage Current
VGS = -8V
IDLKG
-
-
8.6
mA
VDS = 120V
RF Characteristics
(Fc = 915MHz
unless otherwise noted)
Saturated Output Power*3
VDS = 50V
PSAT
150
160
-
W
IDQ = 50mA
CW Drain Efficiency*3
VDS = 50V
η
79
82
-
%
IDQ = 50mA
POUT = PSAT CW
Note
*1 Measured on wafer prior to packaging.
*2 Scaled from PCM data
.
*3 CW(Continuous Wave) signal operation condition.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com