Electronic Components Datasheet Search
  English  ▼

X  

6024913 Datasheet(PDF) 3 Page - SICK AG

Part # 6024913
Description  SAFETY RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6024913 Datasheet(HTML) 3 Page - SICK AG

  6024913 Datasheet HTML 1Page - SICK AG 6024913 Datasheet HTML 2Page - SICK AG 6024913 Datasheet HTML 3Page - SICK AG 6024913 Datasheet HTML 4Page - SICK AG 6024913 Datasheet HTML 5Page - SICK AG 6024913 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UE45-3S12D330 | UE45-3S1
SAFETY RELAYS
24 V DC (20.4 V DC ... 26.4 V DC)
Residual ripple
(≤ 2.4 Vpp) 1)
Power consumption
2.6 W (DC)
Overvoltage category
II
Rated insulation voltage Ui
300 V AC
Rated impulse withstand voltage Uimp
4 kV
Test voltage
2 kV (50 Hz) (EN 60439-1)
1) In DC operation, within the limits of VS.
Control voltage: S11/S33, S21
Control voltage
22 V DC
Short-circuit current
≤ 2.2 A, between S 11 and A 2
Short-circuit protection
PTC resistor
Input circuits: S12, S31/S22
Reset time
Manual (≤ 30 ms)
Automatic (≤ 600 ms)
Activation time of reset button
≤ 30 ms
≤ 600 ms
Synchronous time monitoring
≤ 500 ms
Cable resistance
≤ 85 Ω
Electrical output circuits: 13/14, 23/24, 37/38
Response time
25 ms 1)
Off-delay time
1.5 s ... 30 s
Number of enable current (N/O) contacts
2, category 4
Number of off-delayed N/O contacts
1, category 3
Number of on-delayed N/O contacts
Category 3
Contact type
Positively driven
Contact material
Silver alloy, gold flashed
Switching voltage
Enable current contact 10 V AC ... 230 V AC
10 V DC ... 300 V DC
Current-carrying capacity per OSSD
Enable current contact 10 mA ... 6 A
Total current ≤ 12 A
Usage category
AC-15/DC-13 (EN 60947-5-1)
Rated operating current (voltage)
4 A (230 V AC) 360 switching cycles/h
4 A (24 V DC) 360 switching cycles/h
2.5 A (24 V DC) 3600 switching cycles/h
Switching frequency
≤ 3600/h
Mechanical life (relay contacts)
5 x 106 switching cycles
Electrical life (relay contacts)
2 x 106 switching cycles
1) K1/K2.
2018-09-11 15:13:28 | Online data sheet
Subject to change without notice
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com