Electronic Components Datasheet Search
  English  ▼

X  

UE48-2OS2D2 Datasheet(PDF) 3 Page - SICK AG

Part # UE48-2OS2D2
Description  SAFETY RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE48-2OS2D2 Datasheet(HTML) 3 Page - SICK AG

  UE48-2OS2D2 Datasheet HTML 1Page - SICK AG UE48-2OS2D2 Datasheet HTML 2Page - SICK AG UE48-2OS2D2 Datasheet HTML 3Page - SICK AG UE48-2OS2D2 Datasheet HTML 4Page - SICK AG UE48-2OS2D2 Datasheet HTML 5Page - SICK AG UE48-2OS2D2 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UE48-2OS2D2 | UE48-2OS
SAFETY RELAYS
Power consumption
(≤ 4.6 VA (AC))
(≤ 2.1 W (DC))
Overvoltage category
II
Rated insulation voltage Ui
300 V AC
Rated impulse withstand voltage Uimp
4 kV
Test voltage
2 kV (50 Hz) (EN 60439-1)
1) In DC operation, within the limits of VS.
Control voltage: S11, S21, S33
Control voltage
22 V DC (≥ 17.4 V DC)
Control current
40 mA ... 100 mA
Short-circuit current
≤ 300 mA, between S33 / S11 and S21
Short-circuit protection
Electronic fuse
Galvanized decoupling
– (between A1, A2 and S11, S21, S33)
Input circuits: S12, S22, S31, S34, S35
Input voltage
HIGH 17.4 V DC ... 26.4 V DC
LOW –3 V DC ... 5 V DC
Input current
S12, S22, S31 ≤ 100 mA
S34, S35 ≤ 50 mA
Reset time
Manual ≤ 40 ms
Automatic ≤ 80 ms
Activation time of reset button
≥ 50 ms
Test pulse width
≤ 1,000 µs
Test pulse rate
≤ 10 Hz
Cable resistance
≤ 35 Ω
Electrical output circuits: 13/14, 23/24, 31/32, 33/34
Response time
≤ 25 ms 1)
Number of enable current (N/O) contacts
2, relevant for safety
Number of signalling current (N/C) contacts 1, not safety-relevant
Contact type
Positively driven
Contact material
Silver alloy, gold flashed
Switching voltage
Enable current contact 10 V AC ... 230 V AC
10 V DC ... 300 V DC
Signalling current contact 10 V AC, 10 V DC ... 230 V AC, 300 V DC
Current-carrying capacity per OSSD
Enable current contact 10 mA ... 6 A
Signalling current contact 10 mA ... 6 A
Total current ≤ 12 A
1) K1/K2.
2018-09-11 15:13:28 | Online data sheet
Subject to change without notice
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com