Electronic Components Datasheet Search
  English  ▼

X  

UE48-3OS3D2 Datasheet(PDF) 4 Page - SICK AG

Part # UE48-3OS3D2
Description  SAFETY RELAYS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UE48-3OS3D2 Datasheet(HTML) 4 Page - SICK AG

  UE48-3OS3D2 Datasheet HTML 1Page - SICK AG UE48-3OS3D2 Datasheet HTML 2Page - SICK AG UE48-3OS3D2 Datasheet HTML 3Page - SICK AG UE48-3OS3D2 Datasheet HTML 4Page - SICK AG UE48-3OS3D2 Datasheet HTML 5Page - SICK AG UE48-3OS3D2 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
UE48-3OS3D2 | UE48-3OS
SAFETY RELAYS
Switching frequency
≤ 3600/h
Mechanical life (relay contacts)
1 x 107 switching cycles
Electrical life (relay contacts)
2 x 106 switching cycles
1) K1/K2.
Mechanical data
Dimensions (W x H x D)
22.5 mm x 114 mm x 96.5 mm
Weight
0.21 kg
Classifications
ECl@ss 5.0
27371990
ECl@ss 5.1.4
27371990
ECl@ss 6.0
27371819
ECl@ss 6.2
27371819
ECl@ss 7.0
27371819
ECl@ss 8.0
27371819
ECl@ss 8.1
27371819
ECl@ss 9.0
27371819
ETIM 5.0
EC001449
ETIM 6.0
EC001449
UNSPSC 16.0901
41113704
4
SENS:CONTROL - SAFE CONTROL SOLUTIONS | SICK
Online data sheet | 2018-09-11 15:13:28
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com